Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH40200CHR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH40200CHR
Description  Rad-Hard 40 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40200CHR Datasheet(HTML) 4 Page - STMicroelectronics

  STTH40200CHR Datasheet HTML 1Page - STMicroelectronics STTH40200CHR Datasheet HTML 2Page - STMicroelectronics STTH40200CHR Datasheet HTML 3Page - STMicroelectronics STTH40200CHR Datasheet HTML 4Page - STMicroelectronics STTH40200CHR Datasheet HTML 5Page - STMicroelectronics STTH40200CHR Datasheet HTML 6Page - STMicroelectronics STTH40200CHR Datasheet HTML 7Page - STMicroelectronics STTH40200CHR Datasheet HTML 8Page - STMicroelectronics STTH40200CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.4
Characteristics (curves)
Figure 1. Typical forward voltage drop versus forward
current
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
T j = 25 °C
T j = -55 °C
I
F(A)
V
F(V)
T j = 125 °C
Figure 2. Maximum forward voltage drop versus forward
current
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
T j = 25 °C
T j = -55 °C
I
F(A)
V
F(V)
T j = 125 °C
Figure 3. Relative variation of Rthjc versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z
th(j-c) / Rth(j-c)
t
p(s)
TO-254
Single pulse
Figure 4. Typical peak reverse recovery current versus
dIF/dt
0
5
10
15
20
0
100
200
300
400
500
I
RM(A)
V
R = 160 V
T
j = 125 °C
I
F = 20 A
dIF/dt(A/µs)
Figure 5. Reverse recovery time versus dIF/dt (typical
values)
0
20
40
60
80
100
0
100
200
300
400
500
trr (ns)
dIF/dt(A/µs)
V
R = 160 V
T
j = 125 °C
I
F = 20 A
Figure 6. Typical reverse recovery charges versus dIF/dt
0
200
400
600
800
0
100
200
300
400
500
QRR(nC)
dIF/dt(A/µs)
V
R = 160 V
T
j = 125 °C
I
F = 20 A
STTH40200CHR
Characteristics (curves)
DS12525 - Rev 5
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com