Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60400HR Datasheet (PDF) - STMicroelectronics

STTH60400HR Datasheet PDF - STMicroelectronics
Part # STTH60400HR
Download  STTH60400HR Download
File Size   250.81 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 60 A - 400 V fast recovery rectifier

STTH60400HR Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH60400HR Datasheet PDF - STMicroelectronics

Part # STTH60400HR
Download  STTH60400HR Click to download

File Size   250.81 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 60 A - 400 V fast recovery rectifier

STTH60400HR Datasheet (HTML) - STMicroelectronics


STTH60400HR Product details

Features
• Very small conduction losses
• Negligible switching losses
• High surge current capability
• Hermetic package
• TID and SEE tested
• Package mass: 2.3 g
• ESCC qualified : 5103/032

Description
The STTH60400HR is a single monolithic rectifier assembled in an SMD1 hermetic
package and tested in total dose at high dose rate and in single event effect to be
used in Rad-Hard applications.
The ESCC Detail Specification for this device is available from the European Space
Agency web site. ST guarantees full compliance of qualified parts with the ESCC
detailed specification.




Similar Part No. - STTH60400HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6002C STMICROELECTRONICS-STTH6002C Datasheet
62Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH6002C STMICROELECTRONICS-STTH6002C Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH6002CPI STMICROELECTRONICS-STTH6002CPI Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH6002CW STMICROELECTRONICS-STTH6002CW Datasheet
62Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH6002CW STMICROELECTRONICS-STTH6002CW Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
More results


Similar Description - STTH60400HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
Rad-hard 400 μA high-speed operational amplifier
27-Jul-2011
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2N3810HR STMICROELECTRONICS-2N3810HR Datasheet
359Kb / 14P
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
08-Sep-2020
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com