Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH100N6 Datasheet (PDF) - STMicroelectronics

STRH100N6 Datasheet PDF - STMicroelectronics
Part # STRH100N6
Download  STRH100N6 Download
File Size   408.01 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard N-channel, 60 V, 80 A Power MOSFET

STRH100N6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STRH100N6 Datasheet PDF - STMicroelectronics

Part # STRH100N6
Download  STRH100N6 Click to download

File Size   408.01 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard N-channel, 60 V, 80 A Power MOSFET

STRH100N6 Datasheet (HTML) - STMicroelectronics




Similar Part No. - STRH100N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
More results


Similar Description - STRH100N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
Rad-Hard N-channel 100 V, 6 A Power MOSFET
09-Nov-2011
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
Rad-Hard P-channel 100 V, 34 A Power MOSFET
09-Nov-2011
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
logo
STMicroelectronics
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
Rad-Hard 100 V, 12 A, P-channel Power MOSFET
05-May-2022
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
logo
Renesas Technology Corp
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com