Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH8N10 Datasheet (PDF) - STMicroelectronics

STRH8N10 Datasheet PDF - STMicroelectronics
Part # STRH8N10
Download  STRH8N10 Download
File Size   501.26 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard N-channel 100 V, 6 A Power MOSFET

STRH8N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STRH8N10 Datasheet PDF - STMicroelectronics

Part # STRH8N10
Download  STRH8N10 Click to download

File Size   501.26 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard N-channel 100 V, 6 A Power MOSFET

STRH8N10 Datasheet (HTML) - STMicroelectronics




Similar Part No. - STRH8N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
Rad-Hard 100 V, 12 A, P-channel Power MOSFET
05-May-2022
STRH12P10ESY1 STMICROELECTRONICS-STRH12P10ESY1 Datasheet
411Kb / 12P
Fast switching
19-Mar-2007
STRH12P10ESY3 STMICROELECTRONICS-STRH12P10ESY3 Datasheet
411Kb / 12P
Fast switching
19-Mar-2007
More results


Similar Description - STRH8N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
Rad-Hard P-channel 100 V, 34 A Power MOSFET
09-Nov-2011
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1004 SENSITRON-SRADM1004 Datasheet
168Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
logo
STMicroelectronics
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
Rad-Hard 100 V, 12 A, P-channel Power MOSFET
05-May-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com