Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH40P10 Datasheet (PDF) - STMicroelectronics

STRH40P10 Datasheet PDF - STMicroelectronics
Part # STRH40P10
Download  STRH40P10 Download
File Size   405.66 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard P-channel 100 V, 34 A Power MOSFET

STRH40P10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STRH40P10 Datasheet PDF - STMicroelectronics

Part # STRH40P10
Download  STRH40P10 Click to download

File Size   405.66 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard P-channel 100 V, 34 A Power MOSFET

STRH40P10 Datasheet (HTML) - STMicroelectronics




Similar Part No. - STRH40P10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH40N25FSY1 STMICROELECTRONICS-STRH40N25FSY1 Datasheet
229Kb / 13P
N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
02-Mar-2007
STRH40N25FSY3 STMICROELECTRONICS-STRH40N25FSY3 Datasheet
229Kb / 13P
N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
02-Mar-2007
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
More results


Similar Description - STRH40P10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7404 INTERSIL-JANSR2N7404 Datasheet
45Kb / 8P
15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
logo
STMicroelectronics
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
Rad-Hard N-channel 100 V, 6 A Power MOSFET
09-Nov-2011
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
logo
Sensitron
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
logo
STMicroelectronics
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
Rad-Hard 100 V, 12 A, P-channel Power MOSFET
05-May-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com