Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH40P10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRH40P10
Description  Rad-Hard P-channel 100 V, 34 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40P10 Datasheet(HTML) 1 Page - STMicroelectronics

  STRH40P10 Datasheet HTML 1Page - STMicroelectronics STRH40P10 Datasheet HTML 2Page - STMicroelectronics STRH40P10 Datasheet HTML 3Page - STMicroelectronics STRH40P10 Datasheet HTML 4Page - STMicroelectronics STRH40P10 Datasheet HTML 5Page - STMicroelectronics STRH40P10 Datasheet HTML 6Page - STMicroelectronics STRH40P10 Datasheet HTML 7Page - STMicroelectronics STRH40P10 Datasheet HTML 8Page - STMicroelectronics STRH40P10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2011
Doc ID 18354 Rev 6
1/18
18
STRH40P10
Rad-Hard P-channel 100 V, 34 A Power MOSFET
Features
Fast switching
100% avalanche tested
Hermetic package
100 krad TID
SEE radiation hardened
Applications
Satellite
High reliability
Description
This P-channel Power MOSFET is developed with
STMicroelectronics unique STripFET™ process.
It has specifically been designed to sustain high
TID and provide immunity to heavy ion effects.
Figure 1.
Internal schematic diagram
Note:
Contact ST sales office for information about the specific conditions for product in die form
and for other packages.
VBDSS
ID
RDS(on)
Qg
100 V
34 A
0.060 Ohm
162 nC
TO-254AA
1
2
3
D (1)
G (3)
S (2)
SC06140p
Table 1.
Device summary
Part number
ESCC part
number
Quality
level
Package
Lead
finish
Mass (g)
Temp. range
EPPL
STRH40P10HY1
-
Engineering
model
TO-254AA
Gold
10
-55 to 150°C
-
STRH40P10HYG
TBD
ESCC flight
Target
www.st.com


Similar Part No. - STRH40P10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH40N25FSY1 STMICROELECTRONICS-STRH40N25FSY1 Datasheet
229Kb / 13P
N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
02-Mar-2007
STRH40N25FSY3 STMICROELECTRONICS-STRH40N25FSY3 Datasheet
229Kb / 13P
N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
02-Mar-2007
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
More results

Similar Description - STRH40P10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7404 INTERSIL-JANSR2N7404 Datasheet
45Kb / 8P
15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
logo
STMicroelectronics
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
Rad-Hard N-channel 100 V, 6 A Power MOSFET
09-Nov-2011
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
logo
Sensitron
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
logo
STMicroelectronics
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
Rad-Hard 100 V, 12 A, P-channel Power MOSFET
05-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com