Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH40P10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STRH40P10
Description  Rad-Hard P-channel 100 V, 34 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40P10 Datasheet(HTML) 4 Page - STMicroelectronics

  STRH40P10 Datasheet HTML 1Page - STMicroelectronics STRH40P10 Datasheet HTML 2Page - STMicroelectronics STRH40P10 Datasheet HTML 3Page - STMicroelectronics STRH40P10 Datasheet HTML 4Page - STMicroelectronics STRH40P10 Datasheet HTML 5Page - STMicroelectronics STRH40P10 Datasheet HTML 6Page - STMicroelectronics STRH40P10 Datasheet HTML 7Page - STMicroelectronics STRH40P10 Datasheet HTML 8Page - STMicroelectronics STRH40P10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical ratings
STRH40P10
4/18
Doc ID 18354 Rev 6
EAR
Repetitive avalanche
(Vdd = 50 V, IAR = 24 A, f = 100 KHz, TJ = 25 °C,
duty cycle = 10%)
25
mJ
Repetitive avalanche
(Vdd = 50 V, IAR = 17 A, f = 100 KHz, TJ = 110
°C, duty cycle = 10%)
8
1.
Maximum rating value.
Table 4.
Avalanche characteristics (continued)
Symbol
Parameter
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com