Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet (PDF) - STMicroelectronics

RHF310 Datasheet PDF - STMicroelectronics
Part # RHF310
Download  RHF310 Download
File Size   467.02 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 400 μA high-speed operational amplifier

RHF310 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHF310 Datasheet PDF - STMicroelectronics

Part # RHF310
Download  RHF310 Click to download

File Size   467.02 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 400 μA high-speed operational amplifier

RHF310 Datasheet (HTML) - STMicroelectronics


RHF310 Product details

Description
The RHF310 is a very low power, high-speed operational amplifier. A bandwidth of 120 MHz is achieved while drawing only 400 µA of quiescent current. This low-power characteristic is particularly suitable for high-speed battery powered devices requiring dynamic performance. The RHF310 is a single operator available in a Flat-8 package, saving board space as well as providing excellent thermal performance.

Features
■ OptimWattTM device featuring ultra-low 2 mW consumption and low 400 μA quiescent current(a)
■ Bandwidth: 120 MHz (gain = 2)
■ Slew rate: 115 V/μs
■ Specified on 1 kΩ
■ Input noise: 7.5 nV/√ Hz
■ Tested with 5 V power supply
■ 300 krad MIL-STD-883 1019.7 ELDRS free compliant
■ SEL immune at 125° C, LET up to 110 MEV.cm2/mg
■ SET characterized, LET up to 110 MEV.cm2/mg
■ QMLV qualified under SMD 5962-0723301
■ Mass: 0.45 g

Applications
■ Low-power, high-speed systems
■ Communication and space equipment
■ Harsh radiation environments
■ ADC drivers




Similar Part No. - RHF310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
More results


Similar Description - RHF310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
Rad-hard 550 MHz low noise operational amplifier
03-Aug-2012
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
Rad-hard 1 GHz low noise operational amplifier
Feb-2020
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com