Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 4 Page - STMicroelectronics

  RHF310 Datasheet HTML 1Page - STMicroelectronics RHF310 Datasheet HTML 2Page - STMicroelectronics RHF310 Datasheet HTML 3Page - STMicroelectronics RHF310 Datasheet HTML 4Page - STMicroelectronics RHF310 Datasheet HTML 5Page - STMicroelectronics RHF310 Datasheet HTML 6Page - STMicroelectronics RHF310 Datasheet HTML 7Page - STMicroelectronics RHF310 Datasheet HTML 8Page - STMicroelectronics RHF310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Absolute maximum ratings and operating conditions
RHF310
4/22
Doc ID 15577 Rev 3
1
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
(voltage difference between -VCC and +VCC pins)
1.
All voltages values are measured with respect to the ground pin.
6V
Vid
Differential input voltage(2)
2.
Differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
±0.5
V
Vin
Input voltage range(3)
3.
The magnitude of input and output voltage must never exceed VCC +0.3 V.
±2.5
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient area
50
°C/W
Rthjc
Thermal resistance junction to case
40
°C/W
Pmax
Maximum power dissipation(4) (at Tamb =25° C)
for Tj =150°C
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from short circuit on
amplifiers.
830
mW
ESD
HBM: human body model (5)
pins 1, 4, 5, 6, 7 and 8
pins 2 and 3
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2
0.5
kV
MM: machine model (6)
pins 1, 4, 5, 6, 7 and 8
pins 2 and 3
6.
This is a minimum value. Machine model: a 200 pF capacitor is charged to the specified voltage, then
discharged directly between two pins of the device with no external series resistor (internal resistor < 5
Ω).
This is done for all couples of connected pin combinations while the other pins are floating.
200
60
V
CDM: charged device model (all pins)(7)
7.
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
1.5
kV
Latch-up immunity
200
mA
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
Vicm
Common-mode input voltage
-VCC +1.5 V to
+VCC -1.5 V
V
Tamb
Operating free-air temperature range(1)
1.
Tj must never exceed +150°C. P = (Tj - Tamb / Rthja = (Tj - Tcase) / Rthjc with P the power that the RHF310
must dissipate in the application.
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com