Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 1 Page - STMicroelectronics

  RHF310 Datasheet HTML 1Page - STMicroelectronics RHF310 Datasheet HTML 2Page - STMicroelectronics RHF310 Datasheet HTML 3Page - STMicroelectronics RHF310 Datasheet HTML 4Page - STMicroelectronics RHF310 Datasheet HTML 5Page - STMicroelectronics RHF310 Datasheet HTML 6Page - STMicroelectronics RHF310 Datasheet HTML 7Page - STMicroelectronics RHF310 Datasheet HTML 8Page - STMicroelectronics RHF310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2011
Doc ID 15577 Rev 3
1/22
22
RHF310
Rad-hard 400 µA high-speed operational amplifier
Features
■ OptimWattTM device featuring ultra-low 2 mW
consumption and low 400
μA quiescent
current(a)
■ Bandwidth: 120 MHz (gain = 2)
■ Slew rate: 115 V/μs
■ Specified on 1 kΩ
■ Input noise: 7.5 nV/√ Hz
■ Tested with 5 V power supply
■ 300 krad MIL-STD-883 1019.7 ELDRS free
compliant
■ SEL immune at 125° C, LET up to
110 MEV.cm2/mg
■ SET characterized, LET up to
110 MEV.cm2/mg
■ QMLV qualified under SMD 5962-0723301
■ Mass: 0.45 g
Applications
■ Low-power, high-speed systems
■ Communication and space equipment
■ Harsh radiation environments
■ ADC drivers
Description
The RHF310 is a very low power, high-speed
operational amplifier. A bandwidth of 120 MHz is
achieved while drawing only 400 µA of quiescent
current. This low-power characteristic is
particularly suitable for high-speed battery
powered devices requiring dynamic performance.
The RHF310 is a single operator available in a
Flat-8 package, saving board space as well as
providing excellent thermal performance.
Note:
Contact your ST sales office for information on the specific conditions for products in die form and
QML-Q versions.
a.
OptimWattTM is an STMIcroelectronics registered trademark that applies to products with specific features that optimize
energy efficiency.
Pin connections
(top view)
NC
+VCC
NC
OUT
-VCC
NC
IN -
IN +
1
4
8
5
The upper metallic lid is not electrically connected to any
pins, nor to the IC die inside the package.
Table 1.
Device summary
Order code
SMD pin
Quality
level
Package
Lead
finish
Marking
EPPL
Packing
RHF310K1
-
Engineering
model
Flat-8
Gold
RHF310K1
-
Strip pack
RHF310K-01V 5962F0723301VXC QMLV-Flight
Flat-8
Gold
5962F0723101VXC
-
www.st.com


Similar Part No. - RHF310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
More results

Similar Description - RHF310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
Rad-hard 550 MHz low noise operational amplifier
03-Aug-2012
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
Rad-hard 1 GHz low noise operational amplifier
Feb-2020
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com