Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF330A Datasheet (PDF) - STMicroelectronics

RHF330A Datasheet PDF - STMicroelectronics
Part # RHF330A
Download  RHF330A Download
File Size   810.51 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 1 GHz low noise operational amplifier

RHF330A Datasheet (PDF)

Go To PDF Page Download Datasheet
RHF330A Datasheet PDF - STMicroelectronics

Part # RHF330A
Download  RHF330A Click to download

File Size   810.51 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 1 GHz low noise operational amplifier

RHF330A Datasheet (HTML) - STMicroelectronics


RHF330A Product details

Description
The RHF330A device is a current feedback, single operational amplifier that uses very high-speed complementary technology to provide a large bandwidth of 1 GHz in gains of 2 while drawing only 16.6 mA of quiescent current. The RHF330A, also offers 0.1 dB gain flatness up to 160 MHz with a gain of 2. With a slew rate of 1800 V/µs and an output stage optimized for standard 100 Ω loads, this device is highly suitable for applications where speed and low distortion are the main requirements. The RHF330A is mounted in a Flat-8 hermetic package. Product status link RHF330A Rad-hard 1 GHz low noise operational amplifier RHF330A Datasheet DS6200 - Rev 8 - February 2020 For further information contact your local STMicroelectronics sales office.

Features
■ Bandwidth: 1 GHz (gain = 2)
■ Slew rate: 1800 V/μs
■ Input noise: 1.3 nV/√ Hz
■ Distortion: SFDR = -78 dBc (10 MHz, 2 Vpp)
■ 100 Ω load optimized output stage
■ 5 V power supply
■ ELDRS free up to 300 krad
■ SEL immune at 110 MeV.cm2/mg
■ SET characterized
■ SMD pin: 5962F07231
■ Mass: 0.45 g

Applications
■ Space data acquisition systems
■ Aerospace instrumentation
■ Nuclear and high energy physics
■ Harsh environments
■ ADC drivers




Similar Part No. - RHF330A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
More results


Similar Description - RHF330A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH330 STMICROELECTRONICS-TSH330 Datasheet
503Kb / 19P
1.1 GHz Low-Noise Operational Amplifier
Jun-2005
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
Rad-hard 400 μA high-speed operational amplifier
27-Jul-2011
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
Rad-hard 550 MHz low noise operational amplifier
03-Aug-2012
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com