Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF43B Datasheet (PDF) - STMicroelectronics

RHF43B Datasheet PDF - STMicroelectronics
Part # RHF43B_11
Download  RHF43B Download
File Size   654.8 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard precision bipolar single operational amplifier

RHF43B Datasheet (PDF)

Go To PDF Page Download Datasheet
RHF43B Datasheet PDF - STMicroelectronics

Part # RHF43B_11
Download  RHF43B Click to download

File Size   654.8 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard precision bipolar single operational amplifier

RHF43B Datasheet (HTML) - STMicroelectronics


RHF43B Product details

Description
The RHF43B is a precision bipolar operational amplifier available in a ceramic 8-pin flat package and in die form. ln addition to its low offset voltage, rail-to-rail feature and wide supply voltage, the RHF43B is designed for increased tolerance to radiation. Its intrinsic ELDRS-free rad-hard design allows this product to be used in space applications and in applications operating in harsh environments.

Features
■ High radiation immunity: 300 kRad TID at
   high/low dose rate (ELDRS-free), tested
   immunity of SEL /SEU at 125° C under
   120 MeV/mg/cm² LET ions, 14 V supply
■ Rail-to-rail output
■ 8 MHz gain bandwidth at 16 V
■ Low input offset voltage: 100 µV typ
■ Supply current: 2.2 mA typ
■ Operating from 3 to 16 V
■ Input bias current: 30 nA typ
■ ESD internal protection ≥ 2 kV
■ Latch-up immunity: 200 mA
■ QML-V RHA, ELDRS-free qualified under smd 5962-06237

Applications
■ Space probes and satellites
■ Defense systems
■ Scientific instrumentation
■ Nuclear systems




Similar Part No. - RHF43B_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF43BK1 STMICROELECTRONICS-RHF43BK1 Datasheet
490Kb / 12P
RAD-hardened precision bipolar single operational amplifier
29-Jan-2008
More results


Similar Description - RHF43B_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B Datasheet
490Kb / 12P
RAD-hardened precision bipolar single operational amplifier
29-Jan-2008
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
Rad Hard 40V Quad Precision Low Power Operational Amplifiers
July 2, 2012
logo
STMicroelectronics
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
Rad-hard 400 μA high-speed operational amplifier
27-Jul-2011
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
Rad-hard 550 MHz low noise operational amplifier
03-Aug-2012
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
STMicroelectronics
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
Rad-hard 1 GHz low noise operational amplifier
Feb-2020
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com