Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 20 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RHF310 Datasheet HTML 14Page - STMicroelectronics RHF310 Datasheet HTML 15Page - STMicroelectronics RHF310 Datasheet HTML 16Page - STMicroelectronics RHF310 Datasheet HTML 17Page - STMicroelectronics RHF310 Datasheet HTML 18Page - STMicroelectronics RHF310 Datasheet HTML 19Page - STMicroelectronics RHF310 Datasheet HTML 20Page - STMicroelectronics RHF310 Datasheet HTML 21Page - STMicroelectronics RHF310 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package information
RHF310
20/22
Doc ID 15577 Rev 3
8.1
Ceramic Flat-8 package information
Figure 28.
Ceramic Flat-8 package mechanical drawing
Note:
The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the
package. Connecting unused pins or metal lid to ground or to the power supply will not affect
the electrical characteristics.
Table 6.
Ceramic Flat-8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.24
2.44
2.64
0.088
0.096
0.104
b
0.38
0.43
0.48
0.015
0.017
0.019
c
0.10
0.13
0.16
0.004
0.005
0.006
D
6.35
6.48
6.61
0.250
0.255
0.260
E
6.35
6.48
6.61
0.250
0.255
0.260
E2
4.32
4.45
4.58
0.170
0.175
0.180
E3
0.88
1.01
1.14
0.035
0.040
0.045
e
1.27
0.050
L
3.00
0.118
Q
0.66
0.79
0.92
0.026
0.031
0.092
S1
0.92
1.12
1.32
0.036
0.044
0.052
N08
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com