Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHF310 Datasheet HTML 6Page - STMicroelectronics RHF310 Datasheet HTML 7Page - STMicroelectronics RHF310 Datasheet HTML 8Page - STMicroelectronics RHF310 Datasheet HTML 9Page - STMicroelectronics RHF310 Datasheet HTML 10Page - STMicroelectronics RHF310 Datasheet HTML 11Page - STMicroelectronics RHF310 Datasheet HTML 12Page - STMicroelectronics RHF310 Datasheet HTML 13Page - STMicroelectronics RHF310 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
RHF310
10/22
Doc ID 15577 Rev 3
Figure 19.
VOH and VOL vs. temperature
Figure 20.
Iout vs. temperature
Figure 21.
ICC vs. temperature
-40
-20
0
2040
6080
-4
-3
-2
-1
0
1
2
Gain=+2
Vcc=+/-2.5V
Load=1k
Ω
V
OL
V
OH
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-300
-250
-200
-150
-100
-50
0
50
100
150
200
Output: short-circuit
Vcc=5V
Isource
Isink
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-1000
-800
-600
-400
-200
0
200
400
Gain=+2
Vcc=5V
no Load
in(+) and in(-) to GND
Icc(+)
Icc(-)
Temperature ( C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com