Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 18 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button RHF310 Datasheet HTML 14Page - STMicroelectronics RHF310 Datasheet HTML 15Page - STMicroelectronics RHF310 Datasheet HTML 16Page - STMicroelectronics RHF310 Datasheet HTML 17Page - STMicroelectronics RHF310 Datasheet HTML 18Page - STMicroelectronics RHF310 Datasheet HTML 19Page - STMicroelectronics RHF310 Datasheet HTML 20Page - STMicroelectronics RHF310 Datasheet HTML 21Page - STMicroelectronics RHF310 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Active filtering
RHF310
18/22
Doc ID 15577 Rev 3
7
Active filtering
Figure 27.
Low-pass active filtering, Sallen-Key
From the resistors Rfb and RG it is possible to directly calculate the gain of the filter in a
classic non-inverting amplification configuration.
The response of the system is assumed to be:
The cut-off frequency is not gain-dependent and so becomes:
The damping factor is calculated using the following expression.
The higher the gain, the more sensitive the damping factor. When the gain is higher than 1,
it is preferable to use very stable resistor and capacitor values. In the case of R1=R2=R:
Due to a limited selection of capacitor values in comparison with the resistors, you can set
C1=C2=C, so that:
+
_
R
G
IN
R
fb
1 k
Ω
OUT
R1
R2
C2
C1
AM00843
A
V
g1
R
fb
R
g
--------
+
==
T
j
ω
Vout
j
ω
Vin
j
ω
------------------
g
12
ζ jω
ω
c
------
j
ω
()
2
ω
c
2
-------------
++
-------------------------------------------
==
ω
c
1
R1R2C1C2
-------------------------------------
=
ζ
1
2
---
ω
c C1R1
C
1R2
C
2R1
C
1R1g
–
++
()
=
ζ
2C
2
C
1
R
fb
R
g
--------
–
2C
1C2
---------------------------------
=
ζ
2R
2
R
1
R
fb
R
g
--------
–
2R
1R2
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com