Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHF310 Datasheet HTML 2Page - STMicroelectronics RHF310 Datasheet HTML 3Page - STMicroelectronics RHF310 Datasheet HTML 4Page - STMicroelectronics RHF310 Datasheet HTML 5Page - STMicroelectronics RHF310 Datasheet HTML 6Page - STMicroelectronics RHF310 Datasheet HTML 7Page - STMicroelectronics RHF310 Datasheet HTML 8Page - STMicroelectronics RHF310 Datasheet HTML 9Page - STMicroelectronics RHF310 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
RHF310
6/22
Doc ID 15577 Rev 3
SR
Slew rate
Vout = 2 Vpp,
AV = +2, RL = 100 Ω
+25°C
115
V/
μs
VOH
High level output voltage
RL = 100 Ω
+125°C
1.5
V
+25°C
1.55
1.65
-55°C
1.5
VOL
Low level output voltage
RL = 100 Ω
+125°C
-1.5
V
+25°C
-1.66
-1.55
-55°C
-1.5
Iout
Isink
(1)
Output to GND
+125°C
70
mA
+25°C
70
110
-55°C
70
Isource
(2)
Output to GND
+125°C
60
+25°C
60
100
-55°C
60
Noise and distortion
eN
Equivalent input noise voltage (3)
F = 100 kHz
+25°C
7.5
nV/
√ Hz
iN
Equivalent positive input noise
current(3)
F = 100 kHz
+25°C
13
pA/
√ Hz
Equivalent negative input noise
current(3)
F = 100 kHz
+25°C
6
pA/
√ Hz
SFDR
Spurious free dynamic range
AV = +2, Vout = 2 Vpp,
RL = 100 Ω
+25°C
dBc
F = 1 MHz
+25°C
-87
F = 10 MHz
+25°C
-55
1.
See Figure 10 for more details.
2.
See Figure 11 for more details.
3.
See Chapter 5 on page 15.
Table 4.
Electrical characteristics for VCC = ±2.5 V, Tamb = 25° C
(unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 5.
Closed-loop gain and feedback components
Gain (V/V)
+ 2
- 2
+ 4
- 4
+ 10
- 10
Rfb (Ω)
1.2k
1k
150
300
100
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com