Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHF310 Datasheet HTML 7Page - STMicroelectronics RHF310 Datasheet HTML 8Page - STMicroelectronics RHF310 Datasheet HTML 9Page - STMicroelectronics RHF310 Datasheet HTML 10Page - STMicroelectronics RHF310 Datasheet HTML 11Page - STMicroelectronics RHF310 Datasheet HTML 12Page - STMicroelectronics RHF310 Datasheet HTML 13Page - STMicroelectronics RHF310 Datasheet HTML 14Page - STMicroelectronics RHF310 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RHF310
Power supply considerations
Doc ID 15577 Rev 3
11/22
3
Power supply considerations
Correct power supply bypassing is very important for optimizing the performance of the
device in high-frequency ranges. The bypass capacitors should be placed as close as
possible to the IC pins to improve high-frequency bypassing. A capacitor greater than 1 µF
is necessary to minimize the distortion. For better quality bypassing, a capacitor of 10 nF
can be added, which should also be placed as close as possible to the IC pins. The bypass
capacitors must be incorporated for both the negative and positive supply.
Figure 22.
Circuit for power supply bypassing
3.1
Single power supply
If you use a single-supply system, biasing is necessary to obtain a positive output dynamic
range between the 0 V and +VCC supply rails. Considering the values of VOH and VOL, the
amplifier provides an output swing from +0.9 V to +4.1 V on 1 k
Ω loads.
The amplifier must be biased with a mid-supply (nominally +VCC/2) in order to maintain the
DC component of the signal at this value. Several options are possible to provide this bias
supply, such as a virtual ground using an operational amplifier or a two-resistance divider
(which is the cheapest solution). A high resistance value is required to limit the current
consumption. On the other hand, the current must be high enough to bias the non-inverting
input of the amplifier. If we consider this bias current (55 µA maximum) as 1% of the current
through the resistance divider, two resistances of 470
Ω can be used to maintain a mid
supply.
The input provides a high-pass filter with a break frequency below 10 Hz, which is
necessary to remove the original 0 V DC component of the input signal and to set it at
+VCC/2.
Figure 23 on page 12 illustrates a 5 V single power supply configuration.
A capacitor CG is added in the gain network to ensure a unity gain at low frequencies to
keep the right DC component at the output. CG contributes to a high-pass filter with Rfb//RG
and its value is calculated with a consideration of the cut-off frequency of this low-pass filter.
+
+V
CC
10 µF
+
10 nF
10 µF
+
10 nF
-
-V
CC
AM00835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com