Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHF310 Datasheet HTML 5Page - STMicroelectronics RHF310 Datasheet HTML 6Page - STMicroelectronics RHF310 Datasheet HTML 7Page - STMicroelectronics RHF310 Datasheet HTML 8Page - STMicroelectronics RHF310 Datasheet HTML 9Page - STMicroelectronics RHF310 Datasheet HTML 10Page - STMicroelectronics RHF310 Datasheet HTML 11Page - STMicroelectronics RHF310 Datasheet HTML 12Page - STMicroelectronics RHF310 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
RHF310
Electrical characteristics
Doc ID 15577 Rev 3
9/22
Figure 13.
CMR vs. temperature
Figure 14.
SVR vs. temperature
-40
-20
0
20
40
60
80
100
120
56
58
60
62
64
66
Vcc=5V
Load=1k
Ω
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
70
72
74
76
78
80
82
84
86
88
90
Vcc=5V
Load=1k
Ω
Temperature (°C)
Figure 15.
Slew rate vs. temperature
Figure 16.
ROL vs. temperature
-40
-20
0
20
40
60
80
100
120
80
90
100
110
120
130
140
neg. SR
pos. SR
Gain=+2
Vcc=5V
Load=1k
Ω
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
Open Loop
Vcc=5V
Temperature (°C)
Figure 17.
Ibias vs. temperature
Figure 18.
Vio vs. temperature
-40
-20
0
20
40
60
80
100
120
-3
-2
-1
0
1
2
3
4
5
Vcc=5V
Ib(+)
Ib(−)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Open Loop
Vcc=5V
Temperature ( C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com