Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 14 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button RHF310 Datasheet HTML 10Page - STMicroelectronics RHF310 Datasheet HTML 11Page - STMicroelectronics RHF310 Datasheet HTML 12Page - STMicroelectronics RHF310 Datasheet HTML 13Page - STMicroelectronics RHF310 Datasheet HTML 14Page - STMicroelectronics RHF310 Datasheet HTML 15Page - STMicroelectronics RHF310 Datasheet HTML 16Page - STMicroelectronics RHF310 Datasheet HTML 17Page - STMicroelectronics RHF310 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Noise measurements
RHF310
14/22
Doc ID 15577 Rev 3
Equation 2
The input noise of the instrumentation must be extracted from the measured noise value.
The real output noise value of the driver is:
Equation 3
The input noise is called equivalent input noise because it is not directly measured but is
evaluated from the measurement of the output divided by the closed loop gain (eNo/g).
After simplification of the fourth and fifth terms of Equation 2, you obtain:
Equation 4
4.1
Measurement of the input voltage noise
eN
Assuming a short-circuit on the non-inverting input (R3=0), from Equation 4 you can derive:
Equation 5
To easily extract the value of eN, the resistance R2 must be as low as possible. On the other
hand, the gain must be high enough.
R3=0, gain: g=100
4.2
Measurement of the negative input current noise
iNn
To measure the negative input current noise iNn, R3 is set to zero and Equation 5 is used.
This time, the gain must be lower in order to decrease the thermal noise contribution.
R3=0, gain: g=10
4.3
Measurement of the positive input current noise
iNp
To extract iNp from Equation 3, a resistance R3 is connected to the non-inverting input. The
value of R3 must be selected so as to keep its thermal noise contribution as low as possible
against the iNp contribution.
R3=100
Ω, gain: g=10
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
R2
R1
--------
2
4kTR1
4kTR2
1
R2
R1
--------
+
2
4kTR3
×
++
×
+
=
eNo
Measured
()
2
instrumentation
()
2
–
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
g4kTR2
1
R2
R1
--------
+
2
4kTR3
×
+
×
+
=
eNo
eN
2
g
2
iNn
2
R2
2
g4kTR2
×
+
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com