Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 5 Page - STMicroelectronics

  RHF310 Datasheet HTML 1Page - STMicroelectronics RHF310 Datasheet HTML 2Page - STMicroelectronics RHF310 Datasheet HTML 3Page - STMicroelectronics RHF310 Datasheet HTML 4Page - STMicroelectronics RHF310 Datasheet HTML 5Page - STMicroelectronics RHF310 Datasheet HTML 6Page - STMicroelectronics RHF310 Datasheet HTML 7Page - STMicroelectronics RHF310 Datasheet HTML 8Page - STMicroelectronics RHF310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RHF310
Electrical characteristics
Doc ID 15577 Rev 3
5/22
2
Electrical characteristics
Table 4.
Electrical characteristics for VCC = ±2.5 V, Tamb = 25° C
(unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
+125°C
-6.5
+6.5
mV
+25°C
-6.5
1.7
+6.5
-55°C
-6.5
+6.5
Iib+
Non-inverting input bias current
+125°C
15
μA
+25°C
3.1
12
-55°C
15
Iib-
Inverting input bias current
+125°C
7
μA
+25°C
0.1
5
-55°C
7
CMR
Common mode rejection ratio
20 log (
ΔV
ic/ΔVio)
ΔV
ic = ±1 V
+125°C
55
dB
+25°C
57
61
-55°C
55
SVR
Supply voltage rejection ratio
20 log (
ΔV
CC/ΔVout)
ΔV
CC = 3.5V to 5V
+125°C
50
dB
+25°C
65
82
-55°C
50
PSRR
Power supply rejection ratio
20 log (
ΔV
CC/ΔVout)
ΔV
CC =200 mVpp at
1kHz
+25°C
50
dB
ICC
Supply current
No load
+125°C
600
µA
+25°C
400
530
-55°C
600
Dynamic performance and output characteristics
ROL
Transimpedance
ΔV
out= ±1 V,
RL = 1 kΩ
+125°C
500
k
Ω
+25°C
600
1450
-55°C
500
Bw
Small signal -3 dB bandwidth on
1k
Ω load
Rfb = 3 kΩ, AV = +1
+25°C
230
MHz
Rfb = 510 Ω, AV = +10
+25°C
26
Rfb = 3 kΩ, AV = +2
+125°C
70
+25°C
70
120
-55°C
70
Gain flatness at 0.1 dB
Vout =20mVpp
AV = +2, RL = 1k Ω
+25°C
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com