Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310 Datasheet(PDF) 17 Page - STMicroelectronics

Part # RHF310
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RHF310 Datasheet HTML 13Page - STMicroelectronics RHF310 Datasheet HTML 14Page - STMicroelectronics RHF310 Datasheet HTML 15Page - STMicroelectronics RHF310 Datasheet HTML 16Page - STMicroelectronics RHF310 Datasheet HTML 17Page - STMicroelectronics RHF310 Datasheet HTML 18Page - STMicroelectronics RHF310 Datasheet HTML 19Page - STMicroelectronics RHF310 Datasheet HTML 20Page - STMicroelectronics RHF310 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
RHF310
Bias of an inverting amplifier
Doc ID 15577 Rev 3
17/22
6
Bias of an inverting amplifier
A resistance is necessary to achieve good input biasing, such as resistance R shown in
Figure 26.
The value of this resistance is calculated from the negative and positive input bias current.
The aim is to compensate for the offset bias current, which can affect the input offset voltage
and the output DC component. Assuming Iib-, Iib+, Rin, Rfb and a 0 V output, the resistance
R is:
Figure 26.
Compensation of the input bias current
R
R
in
R
fb
×
R
in
R
+
fb
-----------------------
=
R
Load
Output
R
fb
R
in
I
ib
-
I
ib
+
V
CC+
V
CC
-
+
_
AM00839



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com