Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS6045HR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS6045HR
Description  Aerospace 2 x 30 A - 45 V Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6045HR Datasheet(HTML) 5 Page - STMicroelectronics

  STPS6045HR Datasheet HTML 1Page - STMicroelectronics STPS6045HR Datasheet HTML 2Page - STMicroelectronics STPS6045HR Datasheet HTML 3Page - STMicroelectronics STPS6045HR Datasheet HTML 4Page - STMicroelectronics STPS6045HR Datasheet HTML 5Page - STMicroelectronics STPS6045HR Datasheet HTML 6Page - STMicroelectronics STPS6045HR Datasheet HTML 7Page - STMicroelectronics STPS6045HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS6045HR
Package Information
Doc ID 18184 Rev 1
5/8
Table 6.
Metal flange mount package (TO-254) 3-lead, dimension values
Reference
Dimension in millimetres
Dimlension in inches
Min.
Max.
Min.
Max.
A
13.59
13.84
0.535
0.545
B
13.59
13.84
0.535
0.545
C
20.07
20.32
0.790
0.800
D
6.3
6.7
0.248
0.264
E
1
3.9
0.039
0.154
ØF
3.5
3.9
0.138
0.154
G
16.89
17.4
0.665
0.685
H
6.86 BSC
0.270 BSC
ØI(1)
1.
3 locations
0.89
1.14
0.035
0.045
J
3.81 BSC
0.150 BSC
K
3.81 BSC
0.150 BSC
L
12.95
14.5
0.510
0.571
ØM
3.05 Typ.
0.120 Typ.
N
-
0.71
-
0.028
R1(2)
2.
Radius of heatsink flange corner - 4 locations
-
1
-
0.039
R2(3)
3.
Radius of body corner - 4 locations
1.65 Typ.
0.065



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com