Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS6045HR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS6045HR
Description  Aerospace 2 x 30 A - 45 V Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6045HR Datasheet(HTML) 6 Page - STMicroelectronics

  STPS6045HR Datasheet HTML 1Page - STMicroelectronics STPS6045HR Datasheet HTML 2Page - STMicroelectronics STPS6045HR Datasheet HTML 3Page - STMicroelectronics STPS6045HR Datasheet HTML 4Page - STMicroelectronics STPS6045HR Datasheet HTML 5Page - STMicroelectronics STPS6045HR Datasheet HTML 6Page - STMicroelectronics STPS6045HR Datasheet HTML 7Page - STMicroelectronics STPS6045HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering Information
STPS6045HR
6/8
Doc ID 18184 Rev 1
3
Ordering Information
Table 7.
Ordering information
Order code
ESCC part
number
EPPL Package
Lead finish
Marking
Mass
(g)
Packing
STPS6045CFSY1
-
-
TO-254
Gold
STPS6045CFSY1
+ BeO
10.0
Strip
pack
STPS6045CFSYHRB
5106/018/01
-
Solder dip
510601801 + BeO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com