Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5H100SF Datasheet (PDF) - STMicroelectronics

STPS5H100SF Datasheet PDF - STMicroelectronics
Part # STPS5H100SF
Download  STPS5H100SF Download
File Size   323.13 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V power Schottky rectifier

STPS5H100SF Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS5H100SF Datasheet PDF - STMicroelectronics

Part # STPS5H100SF
Download  STPS5H100SF Click to download

File Size   323.13 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V power Schottky rectifier

STPS5H100SF Datasheet (HTML) - STMicroelectronics


STPS5H100SF Product details

Features
• Low profile design – package height of 1.1 mm typ.
• Wettable flanks for automatic visual inspection
• Low forward voltage drop
• Avalanche capability
• ECOPACK® 2 compliant

Description
This high voltage Schottky barrier rectifier has been optimized for use in high
frequency miniature DC/DC converters, reverse battery protection, battery chargers
and adaptors.
Packaged in PSMC (TO-277A), the STPS5H100SF provides a high level of
performance in a compact and flat package which can withstand very high operating
junction temperature.

Applications
• Switching diode
• Notebook adapter
• LED lighting
• DC/DC converter




Similar Part No. - STPS5H100SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100SFY STMICROELECTRONICS-STPS5H100SFY Datasheet
473Kb / 11P
Automotive 100 V low Ir power Schottky rectifier
November 2018 Rev 2
More results


Similar Description - STPS5H100SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100C STMICROELECTRONICS-STPS20H100C_11 Datasheet
138Kb / 11P
100 V power Schottky rectifier
22-Sep-2011
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS5H100SFY STMICROELECTRONICS-STPS5H100SFY Datasheet
473Kb / 11P
Automotive 100 V low Ir power Schottky rectifier
November 2018 Rev 2
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
100 V power Schottky rectifier
30-Jul-2018
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com