Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC16H065A Datasheet (PDF) - STMicroelectronics

STPSC16H065A Datasheet PDF - STMicroelectronics
Part # STPSC16H065A
Download  STPSC16H065A Download
File Size   235.62 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V power Schottky silicon carbide rectifier

STPSC16H065A Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC16H065A Datasheet PDF - STMicroelectronics

Part # STPSC16H065A
Download  STPSC16H065A Click to download

File Size   235.62 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V power Schottky silicon carbide rectifier

STPSC16H065A Datasheet (HTML) - STMicroelectronics


STPSC16H065A Product details

Features
• No or negligible reverse recovery
• Temperature independent switching behavior
• High forward surge capability
• Operating Tj from -40 °C to 175 °C
• Power efficient product
• ECOPACK® 2 compliant

Description
The STPSC16H065A SiC diode is an ultrahigh performance power Schottky diode. It
is manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
Especially suited for use in PFC applications, this ST SiC diode, packaged in
TO-247, will boost the performance in hard switching conditions. Its high forward
Product status link surge capability ensures a good robustness during transient phases.

Applications
• DC/DC converter
• High frequency inverter
• Boost PFC function




Similar Part No. - STPSC16H065A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STPSC16H065AW ISC-STPSC16H065AW Datasheet
293Kb / 2P
SiC Schottky Diode
More results


Similar Description - STPSC16H065A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
December 2015 Rev 5
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
650 V power Schottky silicon carbide diode
31-Mar-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com