Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC4H065DLF Datasheet (PDF) - STMicroelectronics

STPSC4H065DLF Datasheet PDF - STMicroelectronics
Part # STPSC4H065DLF
Download  STPSC4H065DLF Download
File Size   381.1 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V power Schottky silicon carbide diode

STPSC4H065DLF Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC4H065DLF Datasheet PDF - STMicroelectronics

Part # STPSC4H065DLF
Download  STPSC4H065DLF Click to download

File Size   381.1 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V power Schottky silicon carbide diode

STPSC4H065DLF Datasheet (HTML) - STMicroelectronics


STPSC4H065DLF Product details

Features
• Less than 1 mm height package
• High creepage package
• No or negligible reverse recovery
• Temperature independent switching behavior
• High forward surge capability
• Low drop forward voltage
• Power efficient product
• ECOPACK2 compliant component

Description
This 4 A, 650 V, SiC diode is an ultra-high performance power Schottky diode. It is
manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
Qualified in low profile package, the STPSC4H065DLF in PowerFLAT 8x8 HV,
enables low drop forward voltage associated to high surge capabilities in low space
environment such as telecom and network, industrial or renewable energy domains.

Applications
• Switch mode power supply
• Boost PFC
• Bootstrap diode
• LLC clamping function
• High frequency inverter applications




Similar Part No. - STPSC4H065DLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
322Kb / 14P
650 V, 4 A high surge silicon carbide power Schottky diode
09-Jan-2020
STPSC4H065DI STMICROELECTRONICS-STPSC4H065DI Datasheet
322Kb / 14P
650 V, 4 A high surge silicon carbide power Schottky diode
09-Jan-2020
More results


Similar Description - STPSC4H065DLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
December 2015 Rev 5
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
10-Dec-2015
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com