Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV771 Datasheet (PDF) - STMicroelectronics

TSV771 Datasheet PDF - STMicroelectronics
Part # TSV771
Download  TSV771 Download
File Size   3919.46 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp

TSV771 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSV771 Datasheet PDF - STMicroelectronics

Part # TSV771
Download  TSV771 Click to download

File Size   3919.46 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp

TSV771 Datasheet (HTML) - STMicroelectronics


TSV771 Product details

Features
• Gain bandwidth product 20 MHz, unity gain stable
• Low input offset voltage: 50 μV typ., 200 μV max.
• Low input bias current: 2 pA typ.
• Low noise: 7 nV/√Hz
• Slew rate: 13 V/μs
• Wide supply voltage range: 2.0 V to 5.5 V
• Rail-to-rail input and output
• 4 kV HBM ESD tolerance
• Input common-mode range includes low rail
• Extended temperature range: -40 °C to +125 °C
• Automotive grade versions available
• Benefits:
– Accuracy of measurement virtually unaffected by noise or input bias current
– Signal conditioning for high frequencies

Description
The TSV771 and TSV772 are a single and dual 20 MHz-bandwidth unity-gain-stable
amplifier. The rail-to-rail input stage and the slew rate of 10.5 V/μs make the
TSV771 and TSV772 ideal for low-side current measurement. The excellent accuracy
provided by maximum input voltage of 200 μV allows amplifying accurately smallamplitude
input signal.
The TSV771 and TSV772 can operate from a 2.0 V to 5.5 V single supply and is fully
characterized for an output capacitor of 47 pF, therefore allowing easy usage as A/D
converters input buffer.

Applications
• High bandwidth low-side and high-side current sensing
• Photodiode amplifiers
• A/D converters input buffers
• Power management in solar powered systems
• Automotive high bandwidth signal conditioning
• Active filters




Similar Part No. - TSV771

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV772 STMICROELECTRONICS-TSV772 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
TSV7721 STMICROELECTRONICS-TSV7721 Datasheet
4Mb / 40P
High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
Rev 3 - May 2021
TSV7721ILT STMICROELECTRONICS-TSV7721ILT Datasheet
4Mb / 40P
High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
Rev 3 - May 2021
TSV7721ILT STMICROELECTRONICS-TSV7721ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
TSV7721IYLT STMICROELECTRONICS-TSV7721IYLT Datasheet
4Mb / 40P
High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
Rev 3 - May 2021
More results


Similar Description - TSV771

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
logo
Texas Instruments
OPA990 TI1-OPA990 Datasheet
1Mb / 33P
40-V rail-to-rail input/output, low offset voltage, low power op amp
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V04 Datasheet
5Mb / 72P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
logo
STMicroelectronics
TSV792 STMICROELECTRONICS-TSV792 Datasheet
5Mb / 36P
High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
Rev 1 - November 2020
TSV7721 STMICROELECTRONICS-TSV7721 Datasheet
4Mb / 40P
High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
Rev 3 - May 2021
logo
Texas Instruments
TLV9161 TI-TLV9161 Datasheet
5Mb / 67P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
TLV9161 TI-TLV9161_V01 Datasheet
4Mb / 69P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
logo
STMicroelectronics
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com