Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV771 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV771
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV771 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV771 Datasheet HTML 5Page - STMicroelectronics TSV771 Datasheet HTML 6Page - STMicroelectronics TSV771 Datasheet HTML 7Page - STMicroelectronics TSV771 Datasheet HTML 8Page - STMicroelectronics TSV771 Datasheet HTML 9Page - STMicroelectronics TSV771 Datasheet HTML 10Page - STMicroelectronics TSV771 Datasheet HTML 11Page - STMicroelectronics TSV771 Datasheet HTML 12Page - STMicroelectronics TSV771 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Table 7. Electrical characteristics at VCC+ = 2.0 V, Vicm = VOUT = VCC/2, T = 25 °C, RL = 10 kΩ connected to VCC / 2 and
CL = 47 pF (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC Performance
Vio
Input offset voltage
(Vicm = 0 V)
T = 25 °C
±200
µV
-40 °C ≤ T ≤ 125 °C
±700
∆Vio/∆T
Input offset voltage drift
-40 °C ≤ T ≤ 125 °C
±5
µV/°C
Iib
Input bias current
T = 25 °C
1
pA
-40 °C ≤ T ≤ 125 °C
40
Iio
Input offset current
T = 25 °C
1
pA
-40 °C ≤ T ≤ 125 °C
15
AVD
Open loop gain
VCC-+100 mV ≤ VOUT ≤ VCC+ -100 mV, T = 25 °C
95
dB
VCC-+100 mV ≤ VOUT ≤ VCC+ -100 mV,
-40 °C ≤ T ≤ 125 °C
80
RL = 2 kΩ, VCC- + 200 mV ≤ VOUT ≤ VCC+ -200 mV,
T = 25 °C
90
RL = 2 kΩ, VCC- + 200 mV ≤ VOUT ≤ VCC+ -200 mV,
40 °C ≤ T ≤125 °C
80
CMR
Common-mode rejection
ratio
20.log(∆Vio/∆Vicm)
VCC- -0.1 V ≤ Vicm ≤ VCC+, T = 25 °C
73
94
dB
VCC- -0.1 V ≤ Vicm ≤ VCC+, -40 °C ≤ T ≤ 125 °C
67
86
VOH
High level output voltage
drop
(VOH = VCC+ - VOUT)
T = 25 °C
10
mV
-40 °C ≤ T ≤ 125 °C
20
VOL
Low level output voltage
drop
(VOL = VOUT)
T = 25 °C
10
-40 °C ≤ T ≤ 125 °C
20
IOUT
Isink (RL connected to
VCC+)
T = 25 °C
45
60
mA
-40 °C ≤ T ≤ 125 °C
30
Isource (RL connected to
VCC-)
T = 25 °C
45
65
-40 °C ≤ T ≤ 125 °C
30
ICC
Supply current (per
channel, RL > 1 MΩ,
Vicm = 0 V)
T = 25 °C
1.7
1.9
mA
-40 °C ≤ T ≤ 125 °C
1.9
AC performance
GBP
Gain bandwidth product
17
20
MHz
SR
Slew rate
AV = 1 V/V, 10% to 90%(1)
9
11
V/µs
ts
Settling time
RL = 4.7 kΩ, AV = -1 V/V, to 0.1%, Vin = 1 Vp-p
450
ns
RL = 4.7 kΩ, AV = -1 V/V, to 0.01%, Vin = 1 Vp-p(2)
570
trec
Overload recovery time
VOUT 50 mV from initial value, AV = +1
300
ns
Φm
Phase margin
47
degrees
GM
Gain margin
8
dB
Cin
Differential input
capacitance
6.5
pF
TSV771, TSV772
Electrical characteristics
DS13842 - Rev 3
page 9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com