Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV771 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSV771
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV771 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSV771 Datasheet HTML 18Page - STMicroelectronics TSV771 Datasheet HTML 19Page - STMicroelectronics TSV771 Datasheet HTML 20Page - STMicroelectronics TSV771 Datasheet HTML 21Page - STMicroelectronics TSV771 Datasheet HTML 22Page - STMicroelectronics TSV771 Datasheet HTML 23Page - STMicroelectronics TSV771 Datasheet HTML 24Page - STMicroelectronics TSV771 Datasheet HTML 25Page - STMicroelectronics TSV771 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
5.11
Macro model
Accurate macromodels of the TSV771 and TSV772 devices are available on the STMicroelectronics’ website
at: www.st.com. These models are a trade-off between accuracy and complexity (that is, time simulation) of the
TSV771 and TSV772 operational amplifiers. They emulate the nominal performance of a typical device within the
specified operating conditions mentioned in the datasheet. They also help to validate a design approach and to
select the right operational amplifier, but they do not replace on-board measurements.
TSV771, TSV772
Macro model
DS13842 - Rev 3
page 22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com