Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet (PDF) - Texas Instruments

OPA310 Datasheet PDF - Texas Instruments
Part # OPA310
Download  OPA310 Download
File Size   4645.37 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier

OPA310 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA310 Datasheet PDF - Texas Instruments

Part # OPA310
Download  OPA310 Click to download

File Size   4645.37 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier

OPA310 Datasheet (HTML) - Texas Instruments


OPA310 Product details

1 Features
• High output current: ±150-mA typical ISC at 5.5 V
• Fast enable from shutdown: 0.9-μs typical
• Wide operational supply voltage: 1.5 V to 5.5 V
• Low input offset voltage: ±250-μV typical
• Fail-safe inputs: No diode from inputs to V+
• Optimized quiescent current: 165-μA/ch typical
• Rail-to-rail input and output
• Gain bandwidth product: 3-MHz typical at 5.5 V
• Thermal noise floor: 16-nV/√Hz typical
• Unity-gain stable
• Drives up to 250-pF without sustained oscillations
• Internal RFI and EMI filtered input pins
• Operating temperature range: –40°C to 125°C

2 Applications
• Optical modules
• Reference buffers, guard amplifiers
• Microphone pre-amplifiers
• Lighting and LED Drivers
• 4-20 mA loop drivers
• Programmable current source
• Low side current sensing circuitry

3 Description
The OPAx310 family of op amps includes single
(OPA310), dual (OPA2310), and quad-channel
(OPA4310), low-voltage (1.5 V to 5.5 V), high
output current operational amplifiers (op amps) with
rail-to-rail input and output swing capabilities. The
OPAx310S also features a very fast shutdown
response and has a typical enable time of 0.9-μs
that allows for power savings when the application
involves duty cycling the amplifier signal chain.
OPAx310 family has a robust ESD performance with
fail safe input ESD structure where there are no
diodes connected from inputs to the positive power
supply rail.
OPAx310 is offered in power pad, standard, small
size package variants and has an internal current limit
protection, thermal shutdown protection that enables
additional robustness when operating with high output
current. OPAx310 can swing very close to the rails
and has a short-circuit current of 75-mA minimum
across temperature at 5.5-V power supply. Additional
output current capability can be achieved by carefully
connecting multiple op amps in parallel. OPAx310
devices are an excellent choice for LED driver, LCD
driver, laser driver, TEC driver applications and can
also be used as a reference buffer, guard amplifier, or
as a discrete LDO.
The robust design of the OPAx310 family simplifies
circuit design. These op amps feature an integrated
RFI and EMI rejection filter with no-phase reversal in
input overdrive conditions. These devices also deliver
excellent AC performance with a gain bandwidth of
3 MHz and can drive up to 250 pF of cap load
with no sustained oscillations, enabling designers
to achieve both improved performance and a lowerpower
consumption.




Similar Part No. - OPA310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA310 TI-OPA310 Datasheet
2Mb / 42P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
APRIL 2022
OPA310 TI-OPA310 Datasheet
3Mb / 50P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED JULY 2022
OPA310 TI-OPA310 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED OCTOBER 2022
OPA310 TI-OPA310 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA310 TI-OPA310 Datasheet
4Mb / 60P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
More results


Similar Description - OPA310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS21801 ONSEMI-NCS21801 Datasheet
187Kb / 13P
Precision Operational Amplifier, 10 V, Zero-Drift, 1.6 V to 5.5 V Supply, 1.5 MHz
April, 2020 ??Rev. P1
logo
Texas Instruments
OPA310 TI-OPA310 Datasheet
2Mb / 42P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
APRIL 2022
OPA310 TI-OPA310_V01 Datasheet
3Mb / 50P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED JULY 2022
OPA310 TI-OPA310_V03 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED OCTOBER 2022
OPA310 TI-OPA310_V04 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
logo
ON Semiconductor
NCS21801 ONSEMI-NCS21801_V01 Datasheet
942Kb / 28P
Precision Operational Amplifier, 10 V, Zero-Drift, 1.6 V to 5.5 V Supply, 1.5 MHz
March, 2022 - Rev. 7
logo
Texas Instruments
OPA310 TI-OPA310_V05 Datasheet
4Mb / 60P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA310 TI-OPA310_V06 Datasheet
5Mb / 68P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA4323 TI-OPA4323 Datasheet
1Mb / 31P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
OCTOBER 2023
OPA4323 TI1-OPA4323_V01 Datasheet
2Mb / 49P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com