Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 3 Page - Texas Instruments

  OPA310 Datasheet HTML 1Page - Texas Instruments OPA310 Datasheet HTML 2Page - Texas Instruments OPA310 Datasheet HTML 3Page - Texas Instruments OPA310 Datasheet HTML 4Page - Texas Instruments OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
5 Device Comparison Table
DEVICE
NO. OF
CHANNELS
SHDN
PACKAGE LEADS
SC70
DCK
(2)
SOIC
D
SOT-23
DBV
SOT-23
DDF(2)
SOT-553
DRL(2)
SOT-23
DYY(2)
TSSOP
PW (2)
VSSOP
DGK
HVSSOP
DGQ(2)
WQFN
RTE
WSON
DSG
X2QFN
RUC(2)
X2SON
DPW(2)
X2QFN
RUG(2)
OPA310
(1)
1
NO
5
—
5
5
—
—
—
—
—
—
—
5
—
OPA310S
1
YES
6
—
6
—
—
—
—
—
—
—
—
—
—
OPA2310
2
NO
—
8
—
8
—
—
8
8
—
—
8
—
—
—
OPA2310S
(1)
2
YES
—
—
—
—
—
—
—
—
10
—
—
—
—
10
OPA4310
(1)
4
NO
—
14
—
—
—
—
14
—
—
—
—
14
—
—
OPA4310S
4
YES
—
—
—
—
—
16
—
—
—
16
—
—
—
—
(1)
Devices are preview only.
(2)
Packages are preview only.
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com