Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
7.5 Thermal Information for Dual Channel
THERMAL METRIC (1)
OPA2310
OPA2310S
UNIT
DSG
(WSON)
D
(SOIC)
DDF (2)
(SOT-23-8)
DGK
(VSSOP)
PW (2)
(TSSOP)
DGQ (2)
(HVSSOP)
RUG (2)
(X2QFN)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal
resistance
90.1
139.0
TBD
187.7
TBD
TBD
TBD
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
112.1
81.2
TBD
78.1
TBD
TBD
TBD
°C/W
RθJB
Junction-to-board thermal
resistance
56.3
82.4
TBD
109.5
TBD
TBD
TBD
°C/W
ψJT
Junction-to-top
characterization parameter
9.2
31.3
TBD
17.9
TBD
TBD
TBD
°C/W
ψJB
Junction-to-board
characterization parameter
56.3
81.6
TBD
107.9
TBD
TBD
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
31.8
N/A
TBD
N/A
TBD
TBD
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
This package option is on preview.
7.6 Thermal Information for Quad Channel
THERMAL METRIC (1)
OPA4310
OPA4310S
UNIT
RUC (2)
(X2QFN)
D (2)
(SOIC)
PW (2)
(TSSOP)
RTE
(WQFN)
DYY (2)
(SOT)
14 PINS
14 PINS
14 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
TBD
TBD
TBD
65.2
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
TBD
TBD
TBD
70.3
TBD
°C/W
RθJB
Junction-to-board thermal resistance
TBD
TBD
TBD
40.2
TBD
°C/W
ψJT
Junction-to-top characterization parameter
TBD
TBD
TBD
5.9
TBD
°C/W
ψJB
Junction-to-board characterization
parameter
TBD
TBD
TBD
40.5
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
TBD
TBD
TBD
24.4
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
This package option is on preview.
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com