Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
7.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.5 V to 5.5 V (±0.75 V to ±2.75 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VOH
Voltage output
swing from
positive rail
VS = 1.8 V, RL = 2 kΩ to VS / 2
10
21
mV
VS = 1.8 V, RL = 10 kΩ to VS / 2
2
11
VS = 1.8 V, RL = 2 kΩ to VS / 2
TA = –40°C to 125°C
51
VS = 1.8 V, RL = 10 kΩ to VS / 2
TA = –40°C to 125°C
26
VS = 5.5 V, RL = 2 kΩ to VS / 2
3.5
20
VS = 5.5 V, RL = 10 kΩ to VS / 2
0.75
9
VS = 5.5 V, RL = 2 kΩ to VS / 2
TA = –40°C to 125°C
30
VS = 5.5 V, RL = 10 kΩ to VS / 2
TA = –40°C to 125°C
14
VOL
Voltage output
swing from
negative rail
VS = 1.8 V, RL = 2 kΩ to VS / 2
5.5
15
VS = 1.8 V, RL = 10 kΩ to VS / 2
1.2
10
VS = 1.8 V, RL = 2 kΩ to VS / 2
TA = –40°C to 125°C
45
VS = 1.8 V, RL = 10 kΩ to VS / 2
TA = –40°C to 125°C
25
VS = 5.5 V, RL = 2 kΩ to VS / 2
3.5
17.5
VS = 5.5 V, RL = 10 kΩ to VS / 2
0.75
10
VS = 5.5 V, RL = 2 kΩ to VS / 2
TA = –40°C to 125°C
27.5
VS = 5.5 V, RL = 10 kΩ to VS / 2
TA = –40°C to 125°C
11
ISC
Short-circuit
current (5)
VS = 1.8 V
±20
mA
Short-circuit
current (2) (5)
VS = 1.8 V, TA = –40℃ to 125℃
±6
mA
Short-circuit
current (5)
VS = 5.5 V, OPA2310
±75
±150
mA
ISC
Short-circuit
current (5)
VS = 5.5 V, OPA310 and OPA4310
±110
mA
ZO
Open-loop
output
impedance
f = 10 kHz
1000
Ω
POWER SUPPLY
IQ
Quiescent
current per
amplifier
VS = 1.5 V, IO = 0 A, SHDN = V+ for shutdown
devices
165
190
µA
VS = 1.5 V, IO = 0 A, SHDN = V+ for shutdown
devices
TA = –40°C to 125°C
165
210
µA
VS = 5.5 V, IO = 0 A, SHDN = V+ for shutdown
devices
165
200
µA
TA = –40°C to 125°C
215
Power-on time
At TA = 25°C, VS = 5.5 V, VS ramp rate > 0.3 V/µs
125
μs
SHUTDOWN
IQ_SHDN
Shutdown
current per
amplifier
All amplifiers disabled, SHDN = V–, OPA4310S
0.100
0.150
µA
All amplifiers disabled, SHDN = V–, OPA310S
0.265
0.475
µA
IQ_SHDN
Shutdown
current per
amplifier (1)
All amplifiers disabled, SHDN = V–, TA = –40℃ to 85℃, OPA4310S
0.300
µA
All amplifiers disabled, SHDN = V–, TA = –40℃ to 85℃, OPA310S
0.700
µA
ZOUT_SHDN
Output
impedance
during
shutdown
Amplifier disabled
43 || 11.5
GΩ || pF
VSHDN_IH
Logic high
threshold
voltage
(amplifier
enabled)
(V–) + 1.2
V
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com