Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
7.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.5 V to 5.5 V (±0.75 V to ±2.75 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSHDN_IL
Logic low
threshold
voltage
(amplifier
disabled)
(V–) + 0.2
V
tON
Amplifier enable
time (full
shutdown) (7) (1)
G = +1, VCM = VS / 2, VO = 0.9 × VS / 2, RL connected to V–
0.9
1.3
µs
tOFF
Amplifier disable
time (7)
G = +1, VCM = VS / 2, VO = 0.1 × VS / 2, RL connected to V–
1
µs
IB_SHDN
SHDN pin input
bias current (per
pin)
(V+) ≥ SHDN ≥ (V–) + 1 V
50
nA
(V–) ≤ SHDN ≤ (V–) + 0.2 V
100
(1)
Max data is specified based on characterization results.
(2)
Min data is specified based on characterization results.
(3)
Typical input current noise data is specified based on design simulation results.
(4)
Third-order filter; bandwidth = 80 kHz at –3 dB.
(5)
Short circuit current specified here is the average of sourcing and sinking short circuit currents.
(6)
AOL is measured as the difference between (VOSA – VOSB) / (VOUTA – VOUTB). VOSA is the offset measured when the OUT pin is biased
at (V+) - 0.25 V while the device sources 50 mA and VOSB is the offset measured when the OUT pin is biased at (V–) + 0.25 V while
the device sinks 50 mA.
(7)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com