Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 33 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 29Page - Texas Instruments OPA310 Datasheet HTML 30Page - Texas Instruments OPA310 Datasheet HTML 31Page - Texas Instruments OPA310 Datasheet HTML 32Page - Texas Instruments OPA310 Datasheet HTML 33Page - Texas Instruments OPA310 Datasheet HTML 34Page - Texas Instruments OPA310 Datasheet HTML 35Page - Texas Instruments OPA310 Datasheet HTML 36Page - Texas Instruments OPA310 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
9.2.1.1 Design Requirements
The design requirements for this design are:
• Load current: 0 A to 1 A
• Maximum output voltage: 4.9 V
• Maximum shunt voltage: 100 mV
9.2.1.2 Detailed Design Procedure
The transfer function of the circuit in Figure 9-1 is given in Equation 1.
VOUT=  ILOAD ×RSHUNT× Gain
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set
from 0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is
shown using Equation 2 .
RSHUNT= VSHUNT_MAX
ILOAD_MAX = 100 mV1 A=100 mΩ
(2)
Using Equation 2, RSHUNT is calculated to be 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the OPAx310 to produce an output voltage of approximately 0 V to 4.9 V. The gain needed by the
OPAx310 to produce the necessary output voltage is calculated using Equation 3.
Gain=VOUT_MAX   −  VOUT_MIN
VIN_MAX   −  VIN_MIN
(3)
Using Equation 3, the required gain is calculated to be 49 V/V, which is set with resistors RF and RG. Equation 4
sizes the resistors RF and RG, to set the gain of the OPAx310 to 49 V/V.
Gain=1+ RFRG
(4)
Selecting RF as 57.6 kΩ and RG as 1.2 kΩ provides a combination that equals 49 V/V. Figure 9-2 shows the
measured transfer function of the circuit shown in Figure 9-1. Notice that the gain is only a function of the
feedback and gain resistors. This gain is adjusted by varying the ratio of the resistors and the actual resistors
values are determined by the impedance levels that the designer wants to establish. The impedance level
determines the current drain, the effect that stray capacitance has, and a few other behaviors. There is no
optimal impedance selection that works for every system; choose an impedance that is ideal for the system
parameters.
9.2.1.3 Application Curve
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
I
LOAD (A)
C219
Figure 9-2. Low-Side, Current-Sense Transfer Function
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com