Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 31 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 27Page - Texas Instruments OPA310 Datasheet HTML 28Page - Texas Instruments OPA310 Datasheet HTML 29Page - Texas Instruments OPA310 Datasheet HTML 30Page - Texas Instruments OPA310 Datasheet HTML 31Page - Texas Instruments OPA310 Datasheet HTML 32Page - Texas Instruments OPA310 Datasheet HTML 33Page - Texas Instruments OPA310 Datasheet HTML 34Page - Texas Instruments OPA310 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
8.3.9 Shutdown Function
The OPAx310 S devices feature SHDN pins that disable the op amp, placing the op amp into a low-power
standby mode. In this mode, the op amp typically consumes less than 500-nA at room temperature. The SHDN
pins are active low, meaning that shutdown mode is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply voltage of the op amp. The threshold of the shutdown
feature lies around 500-mV (typical) and does not change with respect to the supply voltage. Hysteresis has
been included in the switching threshold to provide for smooth switching characteristics. To make sure of optimal
shutdown behavior, the SHDN pins must be driven with valid logic signals. A valid logic low is defined as a
voltage between V– and (V–) + 0.2 V. A valid logic high is defined as a voltage between (V–) + 1.2 V and V+. To
enable the amplifier, the SHDN pins must be driven to a valid logic high. To disable the amplifier, the SHDN pins
must be driven to a valid logic low. TI highly recommends that the shutdown pin be connected to a valid high or
a low voltage or driven. The maximum voltage allowed at the SHDN pins is (V+) + 0.5 V. Exceeding this voltage
level damages the device.
The SHDN pins are high-impedance CMOS inputs. Dual op amp versions are independently controlled and quad
op amp versions are controlled in pairs with logic inputs. For battery-operated applications, this feature can be
used to greatly reduce the average current and extend battery life. The enable and disable time is targeted to be
under 1-µs for full shutdown of all channels. When disabled, the output assumes a high-impedance state. This
architecture allows the OPAx310S to be operated as a gated amplifier (or to have the device output multiplexed
onto a common analog output bus). Shutdown time (tOFF) depends on loading conditions and increases as load
resistance increases. To make sure that shutdown (disable) is within a specific shutdown time, the specified
10-kΩ load to midsupply (VS / 2) is required.
8.3.10 Packages with an Exposed Thermal Pad
The OPAx310 family is available in packages such as the WQFN-16 (RTE), which feature an exposed thermal
pad. Inside the package, the die is attached to this thermal pad using an electrically conductive compound. For
this reason, when using a package with an exposed thermal pad, the thermal pad must be connected to (V–).
Attaching the thermal pad to a potential other then (V–) is not allowed, and the performance of the device is not
assured when doing so.
8.4 Device Functional Modes
The OPAx310 devices have one functional mode. These devices are powered on as long as the power-supply
voltage is between 1.5 V (±0.75 V) and 5.5 V (±2.75 V).
The OPAx310S devices feature a shutdown pin, which can be used to place the op amp into a low-power mode.
See Shutdown Function for more information.
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com