Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVR Datasheet (PDF) - Stackpole Electronics, Inc.

HVR Datasheet PDF - Stackpole Electronics, Inc.
Part # HVR
Download  HVR Download
File Size   330.67 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Voltage Radial Leaded Plate Resistor

HVR Datasheet (PDF)

Go To PDF Page Download Datasheet
HVR Datasheet PDF - Stackpole Electronics, Inc.

Part # HVR
Download  HVR Click to download

File Size   330.67 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Voltage Radial Leaded Plate Resistor

HVR Datasheet (HTML) - Stackpole Electronics, Inc.


HVR Product details

Features:
• Ohmic values available up to 50 G
• Voltage ratings to 40 K volts
• Ultra-high stability
• Tight tolerances to 0.1%
• Low VCR to 0.05 ppm/volt
• Very low noise
• Custom solutions available
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - HVR

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HVR LRC-HVR Datasheet
49Kb / 1P
HVR SERIES BI-DIRECTIONAL HIGH VOLTAGE DIODES FOR MICROWAVE OVENS
logo
TE Connectivity Ltd
HVR TEC-HVR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Cooper Bussmann, Inc.
HVR-1 COOPER-HVR-1 Datasheet
48Kb / 2P
Buss High Voltage Fuses
logo
List of Unclassifed Man...
HVR-1X-01A ETC1-HVR-1X-01A Datasheet
166Kb / 3P
FOR TV / MICROWAVE OVEN
logo
Sanken electric
HVR-1X-01A SANKEN-HVR-1X-01A Datasheet
340Kb / 3P
TV/Microwave Oven
More results


Similar Description - HVR

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
GST1210 WILLOW-GST1210 Datasheet
924Kb / 2P
High Value Resistors radial leaded
logo
API Delevan
5393R API-5393R Datasheet
1Mb / 1P
High Current Radial Leaded Chokes
logo
AVX Corporation
VR15 AVX-VR15 Datasheet
235Kb / 2P
Radial Leaded High Temperature Automotive 150쨘C Rated Radial Leaded TransGuard짰
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
Radial Leaded
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
logo
Vishay Siliconix
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
20-Apr-2021
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
19-Jul-2021
logo
Stackpole Electronics, ...
HVA SEI-HVA Datasheet
270Kb / 4P
High Voltage Axial Leaded Resistor
2/25/2022
HVD SEI-HVD Datasheet
327Kb / 5P
High Voltage Plate Resistor Divider
02/08/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com