Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVR Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # HVR
Description  High Voltage Radial Leaded Plate Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HVR Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  HVR Datasheet HTML 1Page - Stackpole Electronics, Inc. HVR Datasheet HTML 2Page - Stackpole Electronics, Inc. HVR Datasheet HTML 3Page - Stackpole Electronics, Inc. HVR Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 10/22/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HVR Series
High Voltage Radial Leaded Plate Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
H
V
R
W
4
2
F
E
5
0
M
0
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Resistance Value
Code
Description
Code Description
Code
W
Code
Tol
Code ppm
High Voltage
39
0.5
B
0.1%
E
25
Radial Leaded
29
0.5
C
0.25%
C
50
Plate Resistor
21
1
D
0.5%
D
100
30 Mohm = 30M0
42
2
F
1%
L
200
100 Mohm = 100M
43
3
G
2%
2 Gohm = 2G00
56
6
J
5%
K
10%
M
20%
Product Series
Tolerance
TCR
Four characters with the
multiplier used as the
decimal holder.
Power Rating
Lead Style
HVR
W
100% matte
Sn lead



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com