Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM10 Datasheet (PDF) - Stackpole Electronics, Inc.

VM10 Datasheet PDF - Stackpole Electronics, Inc.
Part # VM10
Download  VM10 Download
File Size   255.3 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Ceramic Housed Vertical Mount Resistor

VM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
VM10 Datasheet PDF - Stackpole Electronics, Inc.

Part # VM10
Download  VM10 Click to download

File Size   255.3 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Ceramic Housed Vertical Mount Resistor

VM10 Datasheet (HTML) - Stackpole Electronics, Inc.


VM10 Product details

Features:
• Flameproof inorganic construction
• High temperature potting compound
• VM – Wirewound element
• MVM – Metal oxide element for higher values
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - VM10

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
VM100 COMPUTAR-VM100 Datasheet
408Kb / 1P
Extention Tube Kit
2004.5
logo
List of Unclassifed Man...
VM1010 ETC-VM1010 Datasheet
705Kb / 11P
Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
VM1010-U7-R13 ETC-VM1010-U7-R13 Datasheet
705Kb / 11P
Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
logo
Kemet Corporation
VM105MK122R030P050 KEMET-VM105MK122R030P050 Datasheet
60Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 38 V, 30 VAC, 47 V, 50 V, 77 V, 10 A, 1.2 kA, 10 J, 12 J, 30 mW
VM105MK801R020P050 KEMET-VM105MK801R020P050 Datasheet
60Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 26 V, 20 VAC, 33 V, 36 V, 54 V, 5 A, 800 A, 3.2 J, 6 J, 15 mW
More results


Similar Description - VM10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
Aluminum Housed Surface Mount Resistor
logo
TE Connectivity Ltd
HCF TEC-HCF Datasheet
204Kb / 5P
Aluminium Housed Braking Resistor
logo
Stackpole Electronics, ...
BVM SEI-BVM Datasheet
394Kb / 4P
Ceramic Housed Vertical Bracket Mount Resistor
11/30/2020
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
NSZ SEI-NSZ Datasheet
319Kb / 6P
Ceramic Housed Wirewound Resistor with Specialty Leads
02/17/2021
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com