Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSZ Datasheet (PDF) - Stackpole Electronics, Inc.

NSZ Datasheet PDF - Stackpole Electronics, Inc.
Part # NSZ
Download  NSZ Download
File Size   319.02 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Ceramic Housed Wirewound Resistor with Specialty Leads

NSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
NSZ Datasheet PDF - Stackpole Electronics, Inc.

Part # NSZ
Download  NSZ Click to download

File Size   319.02 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Ceramic Housed Wirewound Resistor with Specialty Leads

NSZ Datasheet (HTML) - Stackpole Electronics, Inc.


NSZ Product details

Features:
• Special lead configurations
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - NSZ

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
NSZ10A YAGEO-NSZ10A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
NSZ15A YAGEO-NSZ15A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
NSZ20A YAGEO-NSZ20A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
NSZ500 YAGEO-NSZ500 Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
More results


Similar Description - NSZ

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WFH90L4R7KE OHMITE-WFH90L4R7KE Datasheet
111Kb / 1P
Aluminum Housed Wirewound Power
logo
Welwyn Components Limit...
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
logo
Ohmite Mfg. Co.
WFH OHMITE-WFH Datasheet
319Kb / 2P
Aluminum Housed Wirewound Power
logo
Stackpole Electronics, ...
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
logo
Vishay Siliconix
VACR VISHAY-VACR_V01 Datasheet
124Kb / 5P
Aluminum Housed Compact Wirewound Resistor
08-May-14
logo
Stackpole Electronics, ...
TCB SEI-TCB Datasheet
235Kb / 4P
Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com