Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSZ Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # NSZ
Description  Ceramic Housed Wirewound Resistor with Specialty Leads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

NSZ Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  NSZ Datasheet HTML 1Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 2Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 3Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 4Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 5Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 02/17/2021
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
NSZ Series
Ceramic Housed Wirewound Resistor with Specialty Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
– Lead Style 03
Type / Code
H2
Unit
1.063 ± 0.039 0.591 ± 0.079 0.374 ± 0.039 0.059 ± 0.008 0.138 ± 0.020 0.287 ± 0.012 0.374 ± 0.039 0.984 ± 0.079 1.535 inches
27.00 ± 1.00 15.00 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
3.50 ± 0.50
7.30 ± 0.30
9.50 ± 1.00
25.00 ± 2.00
39.00
mm
1.378 ± 0.039 0.886 ± 0.079 0.374 ± 0.039 0.059 ± 0.008 0.138 ± 0.020 0.287 ± 0.012 0.374 ± 0.039 0.984 ± 0.079 1.535 inches
35.00 ± 1.00
22.50 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
3.50 ± 0.50
7.30 ± 0.30
9.50 ± 1.00
25.00 ± 2.00
39.00
mm
1.890 ± 0.039 1.378 ± 0.079 0.374 ± 0.039 0.059 ± 0.008 0.138 ± 0.020 0.287 ± 0.012 0.374 ± 0.039 0.984 ± 0.079 1.535 inches
48.00 ± 1.00
35.00 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
3.50 ± 0.50
7.30 ± 0.30
9.50 ± 1.00
25.00 ± 2.00
39.00
mm
1.909 ± 0.039 1.280 ± 0.079 0.492 ± 0.039 0.079 ± 0.008 0.197 ± 0.039 0.394 ± 0.012 0.492 ± 0.039 1.181 ± 0.079 1.870 inches
48.50 ± 1.00
32.50 ± 2.00
12.50 ± 1.00
2.00 ± 0.20
5.00 ± 1.00
10.00 ± 0.30
12.50 ± 1.00
30.00 ± 2.00
47.50
mm
NSZ5
…-03
P
W1
W2
W3
W4
D
H1
NSZ10
…03
L
NSZ15
…03
NSZ7
…03
Type / Code
C
Unit
0.177 ± 0.020 0.020 ± 0.004 0.177 ± 0.020
0.033
inches
4.50 ± 0.50
0.50 ± 0.10
4.50 ± 0.50
0.85
mm
0.177 ± 0.020 0.020 ± 0.004 0.177 ± 0.020
0.033
inches
4.50 ± 0.50
0.50 ± 0.10
4.50 ± 0.50
0.85
mm
0.177 ± 0.020 0.020 ± 0.004 0.177 ± 0.020
0.033
inches
4.50 ± 0.50
0.50 ± 0.10
4.50 ± 0.50
0.85
mm
0.177 ± 0.020 0.020 ± 0.004 0.177 ± 0.020
0.033
inches
4.50 ± 0.50
0.50 ± 0.10
4.50 ± 0.50
0.85
mm
NSZ10
…03
NSZ15
…03
NSZ5
…-03
NSZ7
…03
H3
A
B
Type / Code
H2
Unit
1.063 ± 0.039
0.591 ± 0.079
0.374 ± 0.039
0.059 ± 0.008
0.287 ± 0.012
0.374 ± 0.039
0.984 ± 0.079
1.535
inches
27.00 ± 1.00
15.00 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
7.30 ± 0.30
9.50 ± 1.00
25.00 ± 2.00
39.00
mm
1.378 ± 0.039
0.886 ± 0.079
0.374 ± 0.039
0.059 ± 0.008
0.287 ± 0.012
0.374 ± 0.039
0.984 ± 0.079
1.535
inches
35.00 ± 1.00
22.50 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
7.30 ± 0.30
9.50 ± 1.00
25.00 ± 2.00
39.00
mm
1.890 ± 0.039
1.378 ± 0.079
0.374 ± 0.039
0.059 ± 0.008
0.287 ± 0.012
0.374 ± 0.039
0.984 ± 0.079
1.535
inches
48.00 ± 1.00
35.00 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
7.30 ± 0.30
9.50 ± 1.00
25.00 ± 2.00
39.00
mm
1.909 ± 0.039
1.280 ± 0.079
0.492 ± 0.039
0.118 ± 0.008
0.287 ± 0.012
0.492 ± 0.039
1.181 ± 0.079
1.870
inches
48.50 ± 1.00
32.50 ± 2.00
12.50 ± 1.00
3.00 ± 0.20
7.30 ± 0.30
12.50 ± 1.00
30.00 ± 2.00
47.50
mm
NSZ5
…-04
D
W2
W3
H1
L
P
W1
NSZ15
…-04
NSZ7
…-04
NSZ10
…-04
Mechanical Specifications
– Lead Style 04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com