Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSZ Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # NSZ
Description  Ceramic Housed Wirewound Resistor with Specialty Leads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

NSZ Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  NSZ Datasheet HTML 1Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 2Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 3Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 4Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 5Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev Date: 02/17/2021
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
NSZ Series
Ceramic Housed Wirewound Resistor with Specialty Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Type / Code
C
Unit
0.177 ± 0.020
0.020 ± 0.004
0.177 ± 0.020
0.033
inches
4.50 ± 0.50
0.50 ± 0.10
4.50 ± 0.50
0.85
mm
0.177 ± 0.020
0.020 ± 0.004
0.177 ± 0.020
0.033
inches
4.50 ± 0.50
0.50 ± 0.10
4.50 ± 0.50
0.85
mm
0.177 ± 0.020
0.020 ± 0.004
0.177 ± 0.020
0.033
inches
4.50 ± 0.50
0.50 ± 0.10
4.50 ± 0.50
0.85
mm
0.177 ± 0.020
0.020 ± 0.004
0.177 ± 0.020
0.033
inches
4.50 ± 0.50
0.50 ± 0.10
4.50 ± 0.50
0.85
mm
NSZ7
…-04
NSZ10
…-04
NSZ15
…-04
A
B
NSZ5
…-04
H3
Mechanical Specifications
– Lead Style 04 (cont.)
Item
Performance or Quality Acceptance
Test Method
R < 1 Ω ± 700 ppm/ºC
R
≥ 1 Ω ± 200 ppm/ºC
Change of resistance
≤ ± (2% + 0.05 Ω)
Change of resistance
≤ ± (0.5% + 0.05 Ω)
No mechanical damage.
Test voltage (AC): 1500 V
Change of resistance
≤ ± (1% + 0.05 Ω)
Tensile:
Change of resistance
≤ ± (0.5% + 0.05 Ω)
No mechanical damage.
Tensile strength: 45 N
0.5 N is applied from any direction for 10 seconds.
Change of resistance
≤ ± (1% + 0.05 Ω)
Change of resistance
≤ ± (1% + 0.05 Ω)
Change of resistance
≤ ± (5% + 0.05 Ω)
Change of resistance
≤ ± (5% + 0.05 Ω)
The resistor shall be subjected to 5 continuous cycle, each as shown
in the table below:
Rapid Change of
Temperature
In the chamber having temperature 40ºC ± 2ºC and relative humidity
93 ± 3%, apply one percent of the rated power, 1.5 hour ON, 0.5 hour OFF
for 1000 hours and leave in room temperature for one hour after test.
Damp Heat, Steady State
At room temperature, apply rated DC voltage 1.5 ON, o.5 hour OFF for
1000 hours and leave in room temperature for one hour after test.
Endurance at Room
Temperature
Apply 1.5 mm amplitude vibration to three directions perpendicular to each
other for 2 hours each, total of 6 hours. Vibrating frequency is
10 Hz - 55 Hz - 10 Hz cycle in 1 minute sweeping and repeat cycle.
Vibration
Dip the lead into a solder bath having a temperature of 260ºC ± 5ºC up to
1.5 ± 0.5 mm from the body of the resistors and hold it for 10 ± 0.5 seconds
and leave in room temperature for 24 hours after test.
Resistance to
Soldering Heat
Dip the lead into a solder bath having a temperature of 245ºC ± 5ºC
up to 1.5 ± 0.5 mm from the body of the resistors and hold it for
5 ± 0.5 seconds.
Solderability
More than 95% of the surface of
the lead shall be covered by
new solder.
Operating Temperature Range: -55ºC to +275ºC wirewound; -55ºC to + 150ºC metal oxide.
The body of the resistor is fixed, a static load is added in the direction of
drawing out of the terminal, and it maintains it for 10 ± 1 seconds.
Robustness of
Terminations
Temperature Coefficient
of Resistance
Apply DC voltage 2.5 times the rated voltage for 5 seconds.
Leave it at room temperature for 30 minutes. Then measure.
Overload (Short Time)
Lay the resistor on the flat metal plate and apply the specified voltage
between tied terminals for one minute.
Voltage Proof
Measure resistance (R0) at room temperature (t), after that, measure
again the resistance (R) at 100ºC higher than room temperature
Lay the resistor on the 90º angle metal V block and apply 500 Vdc between
V block and lead wire for a minute. The insulation resistance shall be
measured while applying the voltage.
Insulation Resistance
≥ 1000 Mohm
Temperature
Duration
1 Minimum operating temperature
30 minunes
2 Standard atmospheric condition
≤ 30 seconds
3 Maximum operating temperature
30 minunes
4 Standard atmospheric condition
≤ 30 seconds



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com