Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32434 Datasheet (PDF) - Vishay Siliconix

SIP32434 Datasheet PDF - Vishay Siliconix
Part # SIP32434
Download  SIP32434 Download
File Size   652.71 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description eFuse Evaluation Board Manual

SIP32434 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32434 Datasheet PDF - Vishay Siliconix

Part # SIP32434
Download  SIP32434 Click to download

File Size   652.71 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description eFuse Evaluation Board Manual

SIP32434 Datasheet (HTML) - Vishay Siliconix


SIP32434 Product details

INTRODUCTION
This reference board allows the user to evaluate the SIP32433A, SIP32433B, SIP32434A, and SIP32434B single-channel eFuse
load switches. It can also be used for AEC-Q100 qualified versions of these devices, which have part numbers starting with
SIPQ instead of SIP.
The SIP32433A, SIP32433B, SIP32434A, and SIP32434B integrate multiple control and protection features, which provide
increased controllability and reliability with simplified designs and minimal external components. They protect both power
sources and downstream circuitry connected to the switch from overloads, short circuits, voltage surges, and excessive inrush
currents.
The output current limit can be set by a single external resistor. VIN overvoltage protection and undervoltage lockout threshold
levels can be set with an external resistor network. VIN inrush current requirements can be set with a single external soft start
capacitor.
Upon switch-off due to latchable faults, the SIP32433A and SIP32434A will latch the power switch off and the PGD will remain
low. The switch can restart by resetting the EN or VIN. The SIP32433B and SIP32434B will auto retry if there is no OTP or OVP
fault. The retry delay time is 32 times the soft start time set by the CSS.
Overcurrent, overtemperature, and short circuits are latchable faults, while overvoltage, undervoltage, and reverse current flow
are non-latchable faults.

EVALUATION BOARD FEATURES
The SIP32433A, SIP32433B, SIP32434A, and SIP32434B eFuse evaluation board features include:
• 3 V to 23 V operation
• Programmable current limit range. 150 mA to 3.5 A for the SIP32533 and 300 mA to 6 A for the SIP32434
• Programmable soft start output voltage slew rate and auto retry time
• Input path current sense resistor for current probing
• Onboard MOSFET for output short test
• Programmable OVP threshold
• Reverse current blocking (SIP32433x only)

APPLICATIONS
The evaluation board can be used for:
• Servers and data storage
• Routers and switches
• Hot swap and hot plug devices
• Optical modules
• PCIe and memory
• Industrial controls and automation
• TVs and gaming systems

DESCRIPTION
This evaluation fits the evaluation of the eFuse products listed in Table 1.




Similar Part No. - SIP32434

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32434 VISHAY-SIP32434 Datasheet
677Kb / 22P
6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
02-May-2022
SIP32434ADN-T1E4 VISHAY-SIP32434ADN-T1E4 Datasheet
677Kb / 22P
6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
02-May-2022
SIP32434AEVB VISHAY-SIP32434AEVB Datasheet
677Kb / 22P
6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
02-May-2022
SIP32434BDN-T1E4 VISHAY-SIP32434BDN-T1E4 Datasheet
677Kb / 22P
6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
02-May-2022
SIP32434BEVB VISHAY-SIP32434BEVB Datasheet
677Kb / 22P
6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
02-May-2022
More results


Similar Description - SIP32434

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com