Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32434 Datasheet (PDF) - Vishay Siliconix

SIP32434 Datasheet PDF - Vishay Siliconix
Part # SIP32434
Download  SIP32434 Download
File Size   677.32 Kbytes
Page   22 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP

SIP32434 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32434 Datasheet PDF - Vishay Siliconix

Part # SIP32434
Download  SIP32434 Click to download

File Size   677.32 Kbytes
Page   22 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP

SIP32434 Datasheet (HTML) - Vishay Siliconix


SIP32434 Product details

FEATURES
• 2.8 V to 23 V operation voltage
• 28 V max. voltage rating with 24 V internal OVP
• 33 m typical switch resistance
• 0.5 A to 6 A current limit setting range
• Current limit accuracy of ± 7 %
• Fast short circuit protection response
• OCP triggering without overhead current
• Programmable turn-on slew rate
• Turn-on delay: 190 μs
• Adjustable OVP (and fixed 24 V OVP at VIN)
• Adjustable UVLO
• Over-temperature protection
• ESD / HBM: > 2 kV
• ESD / CDM: > 750 V
• PGD: power good indicator output
• Compact TDFN10 3 mm x 3 mm package (for AEC-Q100
qualified automotive applications, please refer to
SIPQ32434)
• Active reverse blocking feature available with SIP32433
• Material categorization: for definitions of compliance

APPLICATIONS
• Industrial
• IoT and smart home
• Medical and healthcare equipment
• Network and telecom equipment
• Data storage, solid state drives
• Computing
• PLC
• Lighting
• Gaming consoles




Similar Part No. - SIP32434

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32434 VISHAY-SIP32434 Datasheet
652Kb / 10P
eFuse Evaluation Board Manual
01-Mar-2022
SIP32434AEVB VISHAY-SIP32434AEVB Datasheet
652Kb / 10P
eFuse Evaluation Board Manual
01-Mar-2022
SIP32434BEVB VISHAY-SIP32434BEVB Datasheet
652Kb / 10P
eFuse Evaluation Board Manual
01-Mar-2022
More results


Similar Description - SIP32434

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
logo
Vishay Siliconix
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
logo
Texas Instruments
TPS25946 TI-TPS25946 Datasheet
4Mb / 45P
TPS25946xx 2.7 - 23 V, 5.5 A, 28-m廓 eFuse with Bidirectional Current Support
logo
Vishay Siliconix
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
logo
Texas Instruments
TPS25981 TI-TPS25981 Datasheet
5Mb / 47P
TPS25981x 2.7 V??6 V, 10-A, 6-m廓 eFuse with Transient Overcurrent Blanking Timer
APRIL 2022
TPS25985 TI-TPS25985 Datasheet
5Mb / 61P
TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor
MAY 2022
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
logo
Texas Instruments
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com