Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32434 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32434
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32434 Datasheet HTML 1Page - Vishay Siliconix SIP32434 Datasheet HTML 2Page - Vishay Siliconix SIP32434 Datasheet HTML 3Page - Vishay Siliconix SIP32434 Datasheet HTML 4Page - Vishay Siliconix SIP32434 Datasheet HTML 5Page - Vishay Siliconix SIP32434 Datasheet HTML 6Page - Vishay Siliconix SIP32434 Datasheet HTML 7Page - Vishay Siliconix SIP32434 Datasheet HTML 8Page - Vishay Siliconix SIP32434 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SIP32434
www.vishay.com
Vishay Siliconix
S22-0384-Rev. B, 02-May-2022
2
Document Number: 63147
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For AEC-Q100 qualified automotive applications, please refer to SIPQ32434ADN-T1E4 and SIPQ32434BDN-T1E4
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
PART NUMBER
OCP RESPONSE
RDS(on
(m
)
TRUE REVERSE
CURRENT BLOCKING
REPORT
MARKING
CODE
PACKAGE
SIP32434ADN-T1E4
Latch
33
No
PG
2434A
DFN10 3 mm x 3 mm
SIP32434BDN-T1E4
Auto-retry
33
No
PG
2434B
DFN10 3 mm x 3 mm
SIP32434AEVB
Evaluation board
SIP32434BEVB
Evaluation board
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITION
LIMIT
UNIT
Input voltage (VIN)
Reference to GND
-0.3 to +28
V
Output voltage (VOUT)
Reference to GND
-0.3 to (VIN + 0.3) or 28,
whichever comes first
-5 V for +5 μs
EN voltage
Reference to GND
-0.3 to +28
OVP
Reference to GND
-0.3 to +6.0
SS
Reference to GND
-0.3 to +6.0
ILIM
-0.3 to +6.0
PGD
-0.3 to +6.0
Maximum continuous switch current
SIP32434
6
A
Thermal resistance (thJA)
44.8
°C/W
ESD rating
HBM
± 2
kV
ESD rating
CDM
± 0.75
Latch up current (VIN and VOUT)
200
mA
Temperature
Operating junction temperature
-40 to 150
°C
Maximum operating junction temperature
+150
Storage temperature
-65 to +150
RECOMMENDED OPERATING RANGE
ELECTRICAL
LIMIT
UNIT
Input voltage (VIN)3 to 23
V
Operating junction temperature
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com