Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32434 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32434
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32434 Datasheet HTML 9Page - Vishay Siliconix SIP32434 Datasheet HTML 10Page - Vishay Siliconix SIP32434 Datasheet HTML 11Page - Vishay Siliconix SIP32434 Datasheet HTML 12Page - Vishay Siliconix SIP32434 Datasheet HTML 13Page - Vishay Siliconix SIP32434 Datasheet HTML 14Page - Vishay Siliconix SIP32434 Datasheet HTML 15Page - Vishay Siliconix SIP32434 Datasheet HTML 16Page - Vishay Siliconix SIP32434 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SIP32434
www.vishay.com
Vishay Siliconix
S22-0384-Rev. B, 02-May-2022
13
Document Number: 63147
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
UVLO turn off delay (TOFF_DLY) is typically 550 μs and turn on delay TON_DLY is typically 500 μs.
Fig. 35 - Switching Times
OVER-VOLTAGE PROTECTION (OVP)
The SIP32434A and SIP32434B implement overvoltage protection (OVP) on both the VIN and OVP pins to protect the output
load in the event of an input over-voltage. When the input exceeds the over-voltage protection thresholds VOVP(R) or the INOVP,
which is typically 24 V, the device turns off the output within tOVP, while the PGD asserts in the meantime. As long as an
over-voltage condition is present on the input, the device stays disabled and the output will be turned off. Over-voltage is a
non-latchable fault. Once the input voltage returns to the normal operating range, the device attempts to start up normally.
Fig. 36
OVP voltage divider resistors total resistance should not be over 2.5 M
.
VIN
VOUT
VUVPR
EN/UVLO
TON
VUVPF
TR
TON_DLY
TF
10 %
90 %
TOFF_DLY
IN
GND
OVP
ROVP1
ROVP2
Power
source
SIP32434
R
OVP1
R
OVP2
---------------- =
V
IN(OVP) - 1.2 V
1.2 V
----------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com