Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32434 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIP32434
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIP32434 Datasheet HTML 14Page - Vishay Siliconix SIP32434 Datasheet HTML 15Page - Vishay Siliconix SIP32434 Datasheet HTML 16Page - Vishay Siliconix SIP32434 Datasheet HTML 17Page - Vishay Siliconix SIP32434 Datasheet HTML 18Page - Vishay Siliconix SIP32434 Datasheet HTML 19Page - Vishay Siliconix SIP32434 Datasheet HTML 20Page - Vishay Siliconix SIP32434 Datasheet HTML 21Page - Vishay Siliconix SIP32434 Datasheet HTML 22Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 02-May-2022
1
Document Number: 65067
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Recommended Minimum PAD for DFN10 3 mm x 3 mm
ECN: S22-0379-Rev. A, 02-May-2022
DWG: 3008
Recommended Land Pattern
Recommended Land Pattern vs. Case Outline
Note: Dimension are in millimeters
0.5
0.3
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com