Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
REF70 Datasheet PDF - Texas Instruments
Part # REF70
Download  REF70 Download
File Size   1826.62 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference

REF70 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF70 Datasheet PDF - Texas Instruments

Part # REF70
Download  REF70 Click to download

File Size   1826.62 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference

REF70 Datasheet (HTML) - Texas Instruments


REF70 Product details

1 Features
• Low noise enables precision measurements:
– 1/f Noise (0.1 Hz to 10 Hz): 0.23 ppmp-p
– 10 Hz to 1 kHz: 0.35 ppmrms
• Low temperature drift coefficient:
– 2 ppm/°C maximum (-40°C to 125°C)
• High accuracy: ±0.025% maximum
• Humidity resistant hermetic ceramic package
(LCCC)
• Excellent long-term stability (1k hr): 35 ppm
• Low dropout: 400 mV
• Designed for a wide range of applications:
– Wide input voltage up to 18 V
– Output current: ±10 mA
– Voltage options: 1.25 V, 2.5 V, 3 V, 3.3 V, 4.096
V, 5 V
• Ultra-flexible solution:
– Stable with 1-μF to 100-μF output low-ESR
capacitor
– High PSRR: 107 dB at 1 kHz
– Operating temperature range: −40°C to +125°C

2 Applications
• Semiconductor test equipment
• Precision data acquisition systems
• Precision weight scales
• Ultrasound scanner
• X-ray systems
• Industrial instrumentation
• PLC analog I/O modules
• Field transmitters
• Power monitoring

3 Description
The REF70 is a family of high precision series voltage
references that offers the industry’s lowest noise
(0.23 ppmp-p), very low temperature drift coefficient
(2 ppm/°C), and high accuracy (±0.025%). The
REF70 offers a high PSRR, low drop-out voltage
and excellent load and line regulation to help meet
strict transient requirements. This combination of
precision and features is designed for applications
such as test and measurement that demand a precise
reference to be paired with precision, high-resolution
data converters such as ADS8900B, ADS127L01 and
DAC11001A, to achieve optimal performance in the
signal chain. The REF70 is also designed for noisesensitive
medical applications such as ultrasound and
X-ray to help enable low-noise measurements from
the analog front end.
The REF70 family is available in VSSOP and LCCC
package options. The LCCC (FKH) package is a
hermetically sealed ceramic package that allows for
low, long-term drift for applications that require a
stable reference over a long time period without
calibration.
The REF70 is specified for the wide temperature
range of −40°C to +125°C. The wide temperature
range enables operation across various industrial
applications.




Similar Part No. - REF70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF70 TI-REF70 Datasheet
984Kb / 19P
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
REF70 TI-REF70 Datasheet
985Kb / 20P
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
REF70 TI-REF70 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF70 TI-REF70 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results


Similar Description - REF70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF70 TI-REF70 Datasheet
984Kb / 19P
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
REF70 TI-REF70_V01 Datasheet
985Kb / 20P
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V07 Datasheet
1Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED MARCH 2023
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF70 TI-REF70_V08 Datasheet
2Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2023
REF54 TI1-REF54 Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com