Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54 Datasheet (PDF) - Texas Instruments

REF54 Datasheet PDF - Texas Instruments
Part # REF54
Download  REF54 Download
File Size   2380.49 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference

REF54 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF54 Datasheet PDF - Texas Instruments

Part # REF54
Download  REF54 Click to download

File Size   2380.49 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference

REF54 Datasheet (HTML) - Texas Instruments


REF54 Product details

1 Features
• Low temperature drift coefficient:
– 0.8 ppm/°C maximum (C grade, 0°C to 70°C)
– 1.5 ppm/°C maximum (Q grade, -40°C to
125°C)
• Low noise (0.1 Hz to 10 Hz):
– 0.11 ppmp-p with CNR = 100 μF
– 0.45 ppmp-p with CNR = Open
• High accuracy: ±0.02% maximum
• Low quiescent current: 380 μA maximum
• Low long-term stability (1k hr): 25 ppm
• Designed for a wide range of applications:
– AEC-Q100 qualified
– Wide input voltage up to 18 V
– Output current: ±10 mA
– Voltage options: 2.5 V, 3 V, 4.096 V, 4.5 V, 5 V
• Fit for all design requirement:
– Stable with 1-μF to 100-μF output low-ESR
capacitor
– High PSRR: 100 dB at 1 kHz
– Operating temperature range: −40°C to +125°C

2 Applications
• Semiconductor test equipment
• Precision data acquisition systems
• Precision weight scales
• Ultrasound scanner
• X-ray systems
• Industrial instrumentation
• PLC analog I/O modules
• Field transmitters
• Power monitoring
• Battery management system

3 Description
The REF54 is a family of high precision, low-drift,
low current consumption series voltage reference
devices. The REF54 family offers low temperature
drift coefficient (0.8 ppm/°C), low noise (0.11 ppmp-p)
and high accuracy (±0.02%) while consuming 260
μA current. The REF54 with low long-term drift (25
ppm), excellent load and line regulation helps meet
strict performance requirements of high precision
applications. The device family is designed as a
companion device for high-resolution data converters
such as ADS8900B, ADS127L11, ADS1285 and
DAC11001B.
The REF54 family supports wide supply voltage rating
of 18 V. The wide supply range allows for direct
connection to the battery or field supply. This also
protects the device in case of power supply IC
failure. The REF54 device supports up to 10 mA
load current. The wide load current support allows
for direct connection of REF54 as power supply to
precision sensors.
The REF54 is specified for the wide temperature
range of −40°C to +125°C. The wide temperature
range enables operation across various automotive
and industrial applications.




Similar Part No. - REF54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF54 TI2-REF54 Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
REF54250CDR TI2-REF54250CDR Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
REF54250CDR.A TI2-REF54250CDR.A Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
REF54300CDR TI2-REF54300CDR Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
REF54410CDR TI2-REF54410CDR Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
More results


Similar Description - REF54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V06 Datasheet
1Mb / 41P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V07 Datasheet
1Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED MARCH 2023
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF70 TI-REF70_V08 Datasheet
2Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com