Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF54
Description  REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF54 Datasheet(HTML) 1 Page - Texas Instruments

  REF54 Datasheet HTML 1Page - Texas Instruments REF54 Datasheet HTML 2Page - Texas Instruments REF54 Datasheet HTML 3Page - Texas Instruments REF54 Datasheet HTML 4Page - Texas Instruments REF54 Datasheet HTML 5Page - Texas Instruments REF54 Datasheet HTML 6Page - Texas Instruments REF54 Datasheet HTML 7Page - Texas Instruments REF54 Datasheet HTML 8Page - Texas Instruments REF54 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision
Voltage Reference
1 Features
• Low temperature drift coefficient:
– 0.8 ppm/°C maximum (C grade, 0°C to 70°C)
– 1.5 ppm/°C maximum (Q grade, -40°C to
125°C)
• Low noise (0.1 Hz to 10 Hz):
– 0.11 ppmp-p with CNR = 100 μF
– 0.45 ppmp-p with CNR = Open
• High accuracy: ±0.02% maximum
• Low quiescent current: 380 μA maximum
• Low long-term stability (1k hr): 25 ppm
• Designed for a wide range of applications:
– AEC-Q100 qualified
– Wide input voltage up to 18 V
– Output current: ±10 mA
– Voltage options: 2.5 V, 3 V, 4.096 V, 4.5 V, 5 V
• Fit for all design requirement:
– Stable with 1-μF to 100-μF output low-ESR
capacitor
– High PSRR: 100 dB at 1 kHz
– Operating temperature range: −40°C to +125°C
2 Applications
• Semiconductor test equipment
• Precision data acquisition systems
• Precision weight scales
• Ultrasound scanner
• X-ray systems
• Industrial instrumentation
• PLC analog I/O modules
• Field transmitters
• Power monitoring
• Battery management system
3 Description
The REF54 is a family of high precision, low-drift,
low current consumption series voltage reference
devices. The REF54 family offers low temperature
drift coefficient (0.8 ppm/°C), low noise (0.11 ppmp-p)
and high accuracy (±0.02%) while consuming 260
μA current. The REF54 with low long-term drift (25
ppm), excellent load and line regulation helps meet
strict performance requirements of high precision
applications. The device family is designed as a
companion device for high-resolution data converters
such as ADS8900B, ADS127L11, ADS1285 and
DAC11001B.
The REF54 family supports wide supply voltage rating
of 18 V. The wide supply range allows for direct
connection to the battery or field supply. This also
protects the device in case of power supply IC
failure. The REF54 device supports up to 10 mA
load current. The wide load current support allows
for direct connection of REF54 as power supply to
precision sensors.
The REF54 is specified for the wide temperature
range of −40°C to +125°C. The wide temperature
range enables operation across various automotive
and industrial applications.
Device Information
PART NAME
PACKAGE (1)
BODY SIZE (NOM)
REF54
SOIC (8)
4.90 mm × 3.91 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
VIN
EN
1 μF
10 μF
GND
GND
GND
GND
GND
NR
VREF
Optional
Input
Output
REF54
Basic Connection Diagram
Basic Connection Diagram
Temperature (
C)
0
10
20
30
40
50
60
70
-100
-60
-20
20
60
100
Output Voltage Vs Free-Air-Temperature
REF54
SNVSCN7 – NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - REF54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF54 TI2-REF54 Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
REF54250CDR TI2-REF54250CDR Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
REF54250CDR.A TI2-REF54250CDR.A Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
REF54300CDR TI2-REF54300CDR Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
REF54410CDR TI2-REF54410CDR Datasheet
2Mb / 44P
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
REVISED JUNE 2026
More results

Similar Description - REF54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V06 Datasheet
1Mb / 41P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V07 Datasheet
1Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED MARCH 2023
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF70 TI-REF70_V08 Datasheet
2Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com